Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB845L Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB845L
Description  Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB845L Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB845L Datasheet HTML 1Page - OPTEK Technologies OPB845L Datasheet HTML 2Page - OPTEK Technologies OPB845L Datasheet HTML 3Page - OPTEK Technologies OPB845L Datasheet HTML 4Page - OPTEK Technologies OPB845L Datasheet HTML 5Page - OPTEK Technologies OPB845L Datasheet HTML 6Page - OPTEK Technologies OPB845L Datasheet HTML 7Page - OPTEK Technologies OPB845L Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
10/08
Page 1 of 8
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB830 and OPB840 Series (L & W)
Features:
0.125” (3.18 mm) wide slot
Choice of electrical output parameters
Choice of aperture
Choice of opaque or IR transmissive shell material
Side mount configuration
Choice of lead spacing (L Series)
24” [610 mm] 26 AWG wire leads (W Series)
Description:
OPB830 and OPB840 series provide the design engineer with the flexibility of a custom device from a standard
product line. The L Series offers a choice of PCBoard mount lead spacing, while the W Series offers
24” (610mm) 26AWG wire leads.
Building from a standard housing that utilizes a .375” (9.5 mm) wide slot, a user can specify the electrical output
parameters, choice of aperture, discrete shell material, side mount configuration, and a choice of lead spacing (for
the L Series) or 24” [610 mm] UL approved 26 AWG wire leads (W Series).
Housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity to
visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device throat)
are made of either IR transmissive plastic (for applications where aperture contamination may occur) or of opaque
plastic with aperture openings (for maximum protection against ambient light).
Switching of the phototransistor occurs whenever an opaque object passes through the slot and interrupts the
beam.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
Product Photo Here
L Package
W Package
RoHS
Applications:
Non-contact interruptive object sensing
Assembly line automation
Machine automation
Equipment security
Machine safety


Similar Part No. - OPB845L

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB845L OPTEK-OPB845L Datasheet
386Kb / 4P
   SLOTTED OPTICAL SWITCHES
logo
List of Unclassifed Man...
OPB845L ETC-OPB845L Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
OPB845L ETC2-OPB845L Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
More results

Similar Description - OPB845L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com