Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4967GSTR-G1 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AM4967GSTR-G1
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967GSTR-G1 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AM4967GSTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 9Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 10Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 11Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 12Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 13Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Data Sheet
10
Oct. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Operating Diagram
Note 3:
1. Minimum Speed Setting Mode (Stop Mode)
When fan rotate at low speed, its lowest speed is settable
by VMIN pin voltage. If not, fan motor stops.
2. Low Speed to High Speed Setting Mode
PWM control system works by comparing the voltage of
VPWM and COSC (1.0V to 3.0V). When VPWM voltage
is low, the transistors of the upper and lower side outputs
are ON. On contrary, when VPWM voltage is high, the
upper side transistors are OFF. And coil current re-circu-
lates in a lower side transistor. Therefore, as the VPWM
voltage becomes lower, output ON duty becomes large.
Sequentially, coil current increases and the motor runs at
high speed which is monitored by FG output while rota-
tion-stop state is monitored by RD output.
3. Full Speed Rotation Mode
When VPWM voltage drops to 1.0V or lower, motor fan
will run at full speed. (If the speed is not controlled,
VPWM=GND)
Figure 9. Operating Diagram 1 of AM4967 (Speed Control, Note 3)
VPWM Voltage
f
OSC=30kHz (COSC=220pF)
VMIN Voltage
COSC Voltage
0V
Minimum Speed Setup
Rotation (Stop Mode)
Low
Speed
PWM Adjustable
Speed
High
Speed
Full Speed
FG
ON-Duty-Large
ON-Duty-Small
3.0V
1.0V
RPM


Similar Part No. - AM4967GSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4967GSTR-G1 BCDSEMI-AM4967GSTR-G1 Datasheet
271Kb / 15P
   ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
More results

Similar Description - AM4967GSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4967 BCDSEMI-AM4967 Datasheet
271Kb / 15P
   ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com