Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4963GSTR-G1 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AM4963GSTR-G1
Description  Single Phase Full Wave Direct PWM Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4963GSTR-G1 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AM4963GSTR-G1 Datasheet HTML 3Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 4Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 5Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 9Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 10Page - Diodes Incorporated AM4963GSTR-G1 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics
(VCC=12V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
IQ1
VCT=L
10
15
18.8
Quiescent Current
IQ2
VCT=H
5.2
8
10.6
mA
Output Saturation Voltage at High
Side
VSATH
ISOURCE=200mA
1.0
1.17
V
Output Saturation Voltage at Low
Side
VSATL
ISINK=200mA
0.2
0.3
V
CPWM Frequency
fPWM
18
25
32
kHz
CPWM High Level Voltage
VCPWMH
3.4
3.6
3.8
V
CPWM Low Level Voltage
VCPWML
1.8
2.1
2.3
V
VCFH1
2.9
3.1
3.4
CF High Level Voltage
VCFH2
2.9
3.2
3.5
V
VCFL1
2.3
2.6
2.9
CF Low Level Voltage
VCFL2
1.7
2.0
2.3
V
VADJ1
3.6
3.9
4.2
RADJ Pin Voltage
VADJ2
3.7
4.0
4.3
V
VMIN Voltage
VMIN
2.4
3.0
3.3
V
Hall Input Hysteresis
VHYS
±
10
±
20
mV
CT High Level Voltage
VCTH
3.55
3.7
3.88
V
CT Low Level Voltage
VCTL
1.55
1.7
1.85
V
CT Charge Current
ICHG
1.11
2.3
3.6
µA
CT Discharge Current
IDHG
0.11
0.23
0.36
µA
CT Charge and Discharge Ratio
RCD
ICHG/IDHG
8.3
12
15.8
FG Output Low Level Voltage
VFGL
IFG=5mA
0.2
0.3
V
FG Leakage Current
ILFG
VFG=7V
30
µA
RD Output Low Level Voltage
VRDL
IRD=5mA
0.2
0.3
V
RD Leakage Current
ILRD
VRD=7V
30
µA


Similar Part No. - AM4963GSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4963GSTR-G1 BCDSEMI-AM4963GSTR-G1 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4963GSTR-G1 BCDSEMI-AM4963GSTR-G1 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver CPU Cooler Fan in PC
More results

Similar Description - AM4963GSTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com