Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8806Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8806Q
Description  HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8806Q Datasheet HTML 1Page - Diodes Incorporated AL8806Q Datasheet HTML 2Page - Diodes Incorporated AL8806Q Datasheet HTML 3Page - Diodes Incorporated AL8806Q Datasheet HTML 4Page - Diodes Incorporated AL8806Q Datasheet HTML 5Page - Diodes Incorporated AL8806Q Datasheet HTML 6Page - Diodes Incorporated AL8806Q Datasheet HTML 7Page - Diodes Incorporated AL8806Q Datasheet HTML 8Page - Diodes Incorporated AL8806Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AL8806Q
Document number: DS36905 Rev. 1 - 2
3 of 13
www.diodes.com
April 2014
© Diodes Incorporated
AL8806Q
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Operating Input Voltage relative to GND
6.0
30
V
VCTRLH
Voltage High for PWM Dimming Relative to GND
2.6
5.5
V
VCTRLDC
Voltage range for 20% to 100% DC Dimming Relative to GND
0.5
2.5
V
VCTRLL
Voltage Low for PWM Dimming Relative to GND
0
0.4
V
fSW
Maximum Switching Frequency
1
MHz
ISW
Continuous Switch Current
1.5
A
TJ
Junction Temperature Range
-40
+125
°C
Electrical Characteristics (@ VIN = 12V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VINSU
Internal regulator start up threshold
VIN rising
5.9
V
VINSH
Internal regulator hysteresis threshold
VIN falling
100
300
mV
IQ
Quiescent current
Output not switching (Note 5)
350
µA
IS
Input supply Current
CTRL pin floating f = 250kHz
1.8
5
mA
VTH
Set current Threshold Voltage
VCTRL ≥ 2.6V or floating.
95
100
105
mV
VTH-H
Set threshold hysteresis
±20
mV
ISET
SET pin input current
VSET = VIN-0.1
16
22
µA
RCTRL
CTRL pin input resistance
Referred to internal reference
50
kΩ
VREF
Internal Reference Voltage
2.5
V
RDS(on)
On Resistance of SW MOSFET
ISW = 1A
0.18
0.35
ISW_Leakage
Switch leakage current
VIN = 30V
0.5
μA
θJA
Thermal Resistance Junction-to-
Ambient (Note 6)
(Note 7)
69
°C/W
θJC
Thermal Resistance Junction-to-Case
(Note 6)
(Note 7)
4.3
Notes:
5. AL8806Q does not have a low power standby mode but current consumption is reduced when output switch is inhibited: VSENSE = 0V. Parameter is tested
with VCTRL ≤ 2.5V
6. Refer to figure 5 for the device derating curve.
7. Measured on an FR4 51x51mm PCB with 2oz copper standing in still air with minimum recommended pad layout on top layer and thermal vias to bottom
layer maximum area ground plane. For better thermal performance, larger copper pad for heat-sink is needed.
8. Dominant conduction path via exposed pad. Refer to figure 5 for the device derating curve.


Similar Part No. - AL8806Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8806 DIODES-AL8806 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
AL8806EV4 DIODES-AL8806EV4 Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
AL8806EV6 DIODES-AL8806EV6 Datasheet
418Kb / 8P
   12VDC and 12VAC input
AL8806MP8-13 DIODES-AL8806MP8-13 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
More results

Similar Description - AL8806Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
   HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
   AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
   AUTOMOTIVE GRADE 30V 1A LED DRIVER
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
   AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
logo
ON Semiconductor
NCV78713 ONSEMI-NCV78713 Datasheet
284Kb / 31P
   High Efficiency Buck Single LED Driver
November, 2015 ??Rev. 1
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com