Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3842GMTR-G1 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3842GMTR-G1
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3842GMTR-G1 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3842GMTR-G1 Datasheet HTML 1Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 2Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP3842GMTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
5
Jul. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
(VCC=15V, RT=10kΩ CT=3.3nF, TA=25
oC, unless otherwise specified.)
Note 4: This parameter is measured with RT=10k
Ω to VREF, it contributes 0.3mA of current to the measured value.
So the total current flowing into the CT pin will be 0.3mA higher than the measured value approximately.
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TA=25
oC, I
REF=1mA
4.95
5.00
5.05
V
Total Output Variation
Line, Load, Temp.
4.9
5.10
V
Line Regulation
ΔV
REF
12V
≤ V
CC ≤25V
4
15
mV
Load Regulation
ΔV
REF
1mA
≤ I
REF ≤20mA
4
15
mV
Short Circuit Output Current
ISC
TA=25
oC
-100
-180
mA
Temperature Stability
(Note 6)
0.3
mV/oC
UNDER VOLTAGE LOCK OUT SECTION
Start-up Threshold
AP3842G/AP3844G
15
16
17
V
AP3843G/AP3845G
7.8
8.4
9.0
Minimum Operating Voltage
AP3842G/AP3844G
8.5
10
11.5
V
AP3843G/AP3845G
7.0
7.6
8.2
TOTAL STANDBY CURRENT SECTION
Start-up Current
AP3842G/AP3844G, VCC=14V
50
80
μA
AP3843G/AP3845G, VCC=6.5V
50
80
Operating Current
VFB=0, VCS=0, CL=1nF
8
mA
Standby Operating Current
VFB=2.7V, VCS=0.5V
6
mA
Zener Voltage
ICC=25mA
30
34
V
PWM SECTION
Maximum Duty Cycle
AP3842G/AP3843G
94
96
%
AP3844G/AP3845G
46
48
50
Minimum Duty Cycle
0%
OSCILLATOR SECTION
Oscillation Frequency
f
TA=25
oC
47
52
57
KHz
Oscillator Amplitude
VOSC
Pin RT/CT, peak to peak
1.7
V
Temperature Stability
2
%
Voltage Stability
12V ≤ VCC ≤ 25V
0.2
1
%
Discharge Current
VRT/CT = 2V (Note 4)
8.5
9.5
10.5
mA


Similar Part No. - AP3842GMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3842GMTR-E1 BCDSEMI-AP3842GMTR-E1 Datasheet
161Kb / 13P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3842GMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com