Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH49HNTR-G1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH49HNTR-G1
Description  LINEAR HALL EFFECT IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49HNTR-G1 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH49HNTR-G1 Datasheet HTML 1Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 2Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 3Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 4Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 5Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 6Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 7Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 8Page - Diodes Incorporated AH49HNTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
LINEAR HALL EFFECT IC
AH49H
Jun. 2013
Rev. 1.2
BCD Semiconductor Manufacturing Limited
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
10
V
Instantaneous Supply Voltage
VCC_INST
50
V
Power Dissipation
TO-92S-3
PD
400
mW
SOT-23-3
230
Ambient Temperature
TA
-40 to 125
°C
Storage Temperature
TSTG
-50 to 150
°C
ESD (Human Body Model)
6000
V
ESD (Machine Mode)
400
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (TA=25°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3
8
V
Operating Temperature
TOP
-40
105
°C


Similar Part No. - AH49HNTR-G1

ManufacturerPart #DatasheetDescription
logo
NANJING AH ELECTRONICS ...
AH496B AHNJ-AH496B Datasheet
673Kb / 8P
   Linear Hall Sensor
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
   LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49E DIODES-AH49E Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
logo
NANJING AH ELECTRONICS ...
AH49E AHNJ-AH49E Datasheet
677Kb / 8P
   Linear Hall Sensor
logo
Diodes Incorporated
AH49ENTR-G1 DIODES-AH49ENTR-G1 Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
More results

Similar Description - AH49HNTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49F DIODES-AH49F Datasheet
467Kb / 12P
   LINEAR HALL EFFECT IC
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
   LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
   LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
   LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
   LINEAR HALL-EFFECT IC
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
   LINEAR HALL-EFFECT IC
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
   Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com