Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH41Z3-AG1 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH41Z3-AG1
Description  BIPOLAR HALL-EFFECT POSITION SENSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH41Z3-AG1 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH41Z3-AG1 Datasheet HTML 1Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 2Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 3Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 4Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 5Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 6Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 7Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 8Page - Diodes Incorporated AH41Z3-AG1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
BIPOLAR HALL-EFFECT POSITION SENSORS
AH41
Nov 2010
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AH41 is an integrated Hall-effect latched sensor
designed for electronic commutation of brushless DC
motor applications. The device includes an on-chip
Hall voltage generator for magnetic sensing, a
comparator that amplifiers the Hall voltage, and a
Schmitt to provide switching hysteresis for noise
rejection and open-collector output. An internal
bandgap regulator is used to provide temperature
compensated supply voltage for internal circuits and
allows a wide operating supply range.
A north pole of sufficient strength will turn the output
ON. In the absence of a magnetic field, the output is
OFF.
This IC is available in TO-92S-3 package.
Features
On-chip Hall Sensor
Wide Operating Voltage Range: 4V to 24V
Internal Bandgap Regulator for Temperature
Compensation
Maximum Output Sink Current: 50mA
Low Profile TO-92S-3
Operating Temperature: -40˚C to 150˚C
ESD Rating: 2000V (Human Body Model)
300V (Machine Model)
Application
Brushless DC Motor
Figure 1. Package Type of AH41
TO-92S-3


Similar Part No. - AH41Z3-AG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
More results

Similar Description - AH41Z3-AG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
   Bipolar Hall-effect Magnetic Position Sensors
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
RTY360LVNAX HONEYWELL-RTY360LVNAX Datasheet
1Mb / 10P
   Hall-effect Rotary Position Sensors
logo
List of Unclassifed Man...
OHN3075U ETC-OHN3075U Datasheet
299Kb / 2P
   HALLOGIC BIPOLAR HALL EFFECT SENSORS
logo
Honeywell Solid State E...
SS351AT HONEYWELL-SS351AT Datasheet
433Kb / 4P
   Omnipolar Hall-effect Digital Position Sensors
SS340RT HONEYWELL-SS340RT Datasheet
442Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com