Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4490EESTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4490EESTR-T
Description  Triple Output Step-Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4490EESTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A4490EESTR-T Datasheet HTML 3Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 4Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 5Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 6Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 7Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 8Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 9Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 10Page - Allegro MicroSystems A4490EESTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Triple Output Step-Down Switching Regulator
A4490
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Basic Operation
The A4490 contains three fixed frequency, buck switching con-
verters with peak current-mode control, including slope compen-
sation. Each converter can be independently turned on and off via
the enable inputs (EN1, EN2, and EN3), which are active high.
When enabled, the corresponding output is brought-up under the
control of a soft start routine, which avoids output voltage over-
shoot and minimizes input inrush current.
The output voltage is typically divided down by an external
potential divider, and is compared against an internal reference
voltage to produce an error signal, also known as the current
demand signal. The current signal through the buck switch is
converted into a voltage. This signal is then compared against the
current demand signal to create the required duty cycle.
At the beginning of each switching cycle, the buck switch is
turned on. When the current signal through the switch reaches the
level of the current demand signal, the on-time of the switch is
terminated. On the next switching cycle, the switch is turned on
again and the cycle is repeated.
One shared clock is used to define the switching frequency for
each regulator. Each of the three switching cycles (REG1, REG2,
and REG3) are phase shifted with respect to one another by 120°
in an attempt to minimize the pulsed current drawn from the
input filter capacitors. Under certain conditions, for example at
low VBB conditions and relatively high user-set output voltages,
switching overlap between channels is inevitable.
Under conditions, such as light loads or high VBB voltages, that
cause duty cycles (DC) of less than the minimum value, the
converter enters a pulse-skipping mode to ensure regulation is
maintained.
A charge pump regulator is provided to ensure a sufficient gate
drive is available for all three power switches across the full input
voltage range. This regulator allows operation even at very wide
operating duty cycles. On initial power-up, an internal regulator
is used to provide the bias supply for on-chip control functions.
Each regulator channel utilizes pulse-by-pulse current limiting in
the event of either a short circuit or an overload. If the overload
is applied long enough, the IC temperature may rise sufficiently
to cause the thermal shutdown circuit to operate. The part will
auto-restart under control of the soft start circuit after the thermal
disable condition is removed, and assuming all other conditions
are met. See the Shutdown section for more information.
Power Configuration
The A4490 supports alternative schemes for providing logic sup-
ply voltage on the VDD pin. In addition, the IC can be powered
up and down using either the VBB or ENB pins.
Powering VDD To minimize power dissipation, especially at
high input voltages, it is recommended that an external sup-
ply be applied to the VDD input pin. Typically, this voltage is
derived from one of the three regulated outputs that are set-up for
between 3.3 and 5 V (VREGx).
Another advantage of powering the VDD externally is that the
VBB undervoltage lockout level is lowered. To maximize the
run time of the switchers during a VBB power-down condition,
two alternative undervoltage shutdown conditions are supported,
depending on which VDD-powering configuration has been
implemented. When no external VDD is applied, the minimum
VBB, VBBUV(sd), is 4.1 V typical. When an external VDD is
applied, the minimum VBB, VBBCPUV(sd), is 3.5 V typical.
One note of caution when deriving VDD from a VREG output:
during initial application of VBB, the internal bias supply auto-
matically starts from the internal regulator because VREG has not
yet reached regulation. This means the startup threshold is deter-
mined by VBBUV(su) (4.3 V typical) because there is no external
VDD. When VREG has begun to supply VDD externally, the
shutdown threshold reduces to VBBCPUV(sd) (3.5 V typical). This
assumes that VREG is present.
Powering Up and Down with VBB Referring to figure 1,
each of the enable inputs (ENBx) are held high by being tied to
the VBB rail via a 100 kΩ resistor and the VDD is supplied from
one of the regulator outputs. When the VBB voltage reaches the
minimum threshold, VBBUV(su), the charge pump supply (VCP)
ramps up. When VBB + VCP has reached the minimum thresh-
old VBBCPUV(su), the soft start routines are initiated (tSS) for all
three regulator channels (VREGx). When all three regulators
have reached the 85% FBx threshold, the power-on-reset timer
is initiated. After the power-on-reset period, tPOR, has elapsed,
PORZ goes high, indicating that all the regulators and VBB are in
specification.
Functional Description


Similar Part No. - A4490EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4490EESTR-T ALLEGRO-A4490EESTR-T Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
More results

Similar Description - A4490EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
logo
STMicroelectronics
GS-R51212 STMICROELECTRONICS-GS-R51212 Datasheet
102Kb / 5P
   20W TRIPLE OUTPUT STEP-DOWN SWITCHING REGULATOR
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com