Electronic Components Datasheet Search |
|
A4490EESTR-T Datasheet(PDF) 10 Page - Allegro MicroSystems |
|
A4490EESTR-T Datasheet(HTML) 10 Page - Allegro MicroSystems |
10 / 17 page Triple Output Step-Down Switching Regulator A4490 10 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com The bias current, IBIAS, flowing out of the FB1 node into R2, will introduce a small voltage offset to the output. Enable Each regulator channel can be individually enabled via the corresponding ENBx pin. If any channel is required to start- up automatically after the VBB voltage is applied, that particu- lar channel should have the ENB pin tied to the VBB rail via a pullup resistor. This resistor should be selected to limit the current to less than the maximum specified value, 1 mA. This prevents the internal protection clamps from turning on. It is recommended that a 100 kΩ pull-up resistor be used. This would ensure the current remains below the maximum value when VBB = 36 V. Soft Start Each regulator channel contains a soft start circuit. A soft start cycle is initiated when the appropriate regulator enable input is set to high; the VBB, charge pump, and bias supply volt- ages are above the minimum values; and no thermal shutdown condition exists. Note that an overload or short circuit will not cause a soft start cycle, unless a thermal shutdown event occurs. During a soft start cycle, the reference voltage is ramped from 0 to 0.8 V typical, which in turn forces the current demand signal to increase in a linear fashion. Shutdown All converter channels are disabled in the event of either a thermal shutdown event or an undervoltage on VBB (VBBUV(sd) or VBBCPUV(sd)). As soon as the above fault conditions have been removed, and assuming the ENB inputs are enabled, the appropriate channels will auto-restart under control of the soft start. Current Limit The typical peak current limit for each channel is specified as 2.5 A minimum, with a duty cycle of 0.9. The mini- mum current limit occurs at maximum duty cycle (0.9), because the slope compensation has a maximum effect under this condi- tion. As the duty cycle reduces, the current limit increases. This means for applications that operate with a narrow duty cycle, it is possible to operate with a load current greater than 2.0 A. Figure 3 illustrates the typical peak current limit versus duty cycle. For example, it is possible to operate with a peak current limit of 3.75 A with a duty cycle of 0.3. As well as ensuring the peak current limit is not exceeded, under worst case load and input voltage conditions, it is also important to check the implications on the thermal performance. See the Thermal Considerations section. Component Selection Inductor The inductance value, L, determines the ripple current. It is important to ensure that the minimum current limit is not exceeded under worst-case conditions: VBB(min), ILOAD(max), fSW(min), and L(min). It is recommended that gapped ferrite solutions be used as opposed to powdered iron solutions, the latter of which exhibit relatively high core losses that can have a large impact on long term reliability. Inductors are typically specified at two current levels, rms cur- rent and saturation current. With regard to the rms current, it is important to understand how the rms current level is specified, in terms of ambient temperature. Some manufacturers quote an ambient only, whilst others quote a temperature that includes a self-induced temperature rise. For example, if an inductor is rated for 85°C and includes a self-induced temperature rise of 25°C at maximum load, then the inductor cannot be safely operated beyond an ambient temperature of 60°C at full load. The rms cur- rent can be assumed to be simply the maximum load current, with perhaps some margin to allow for overloads, and so forth. The first stage of determining the inductor value is to specify a peak-to-peak ripple current of typically about 20% to 25% of the maximum load. 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 0.5 1.0 0.5 0 020 40 60 80 100 Duty Cycle (%) Figure 3. Current limit versus duty cycle |
Similar Part No. - A4490EESTR-T |
|
Similar Description - A4490EESTR-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |