Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6281EESTR-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6281EESTR-T
Description  3-Channel Constant Current LED Driver with Programmable PWM Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6281EESTR-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6281EESTR-T Datasheet HTML 1Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 2Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 3Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 4Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 5Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 6Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 7Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 8Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3-Channel Constant Current LED Driver
with Programmable PWM Control
A6281
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OUT2
OUT1
OUT0
Regulator
800 kHz Clock
To PWM Counters
To logic
To PWM Counters
Current
Regulator 0
Current
Regulator 1
Current
Regulator 2
Latched Registers
REXT
REXT
LGND
PGND
OEO
OEI
VIN
VREG
LI
LO
Shift Register
SDI
CI
SDO
CO
100 ns
One-Shot
Terminal List Table
Number
Name
Description
1
REXT
An external resistor at this terminal establishes maximum output current
2
VREG
Regulator decoupling
3
LGND
Logic ground
4
VIN
Chip power supply voltage; connect to VREG externally if 4.75 V < VIN < 5.5 V
5
CI
Serial clock input; PWM clock if external clock is selected
6
OEI
Output enable input; when low (active), the output drivers are enabled; when high (inactive), all
output drivers are turned off (blanked)
7
LI
Latch input terminal; serial data is latched with high-level input
8
SDI
Serial data input to shift register
9
OUT2
Sinking output terminal
10
PGND
Power ground
11
OUT1
Sinking output terminal
12
OUT0
Sinking output terminal
13
SDO
Buffered serial data output after shift register
14
LO
Buffered latch output
15
OEO
Buffered output enable output
16
CO
Buffered clock output
PAD
Exposed thermal pad, not internally connected; connect externally to LGND and PGND.
Pin-out Drawings
Functional Block Diagram
12
11
10
9
1
2
3
4
OUT0
OUT1
PGND
OUT2
REXT
VREG
LGND
VIN
PAD


Similar Part No. - A6281EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
More results

Similar Description - A6281EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
   3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com