Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA003-02 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AA003-02
Description  AA and AB-Series Analog Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AA003-02 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AA003-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AA003-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AA Sensors
- 14 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
AA Sensors
Features:
Excellent Sensitivity to Applied Magnetic Fields
Wheatstone Bridge Analog Output
Operating Temperature to 125°C Continuous
Wide Linear Range of Operation
Near-Zero Voltage Operation
DC to >1MHz Frequency Response
Small, Low-Profile Surface Mount Packages
Applications:
General Motion, Speed, and Position Sensing
Low Power, Low Voltage Applications
Low Field Sensing for Magnetic Media Detection
Current Sensing
Description:
The basic AA-Series GMR sensors are general-purpose magnetometers for use in a wide variety of
applications. They exhibit excellent linearity, a large output signal with applied magnetic fields, stable
and linear temperature characteristics, and a purely ratiometric output.
Magnetic Characteristics:
Part
Number
Saturation
Field (Oe
1)
Linear
Range
(|Oe
1|)
Sensitivity
(mV/V-Oe
1)
Resistance
(Ohms)
Package
2
Die Size
3
(
µm)
Min
Max
Min
Max
AA002-02
15
1.5
10.5
3.0
4.2
5K ±20%
SOIC8
436x3370
AA003-02
20
2.0
14
2
3.2
5K ±20%
SOIC8
436x3370
AA004-00
50
5
35
0.9
1.3
5K ±20%
MSOP8
411x1458
AA004-02
50
5
35
0.9
1.3
5K ±20%
SOIC8
411x1458
AA005-02
100
10
70
0.45
0.65
5K ±20%
SOIC8
411x1458
AA006-00
50
5
35
0.9
1.3
30K ±20%
MSOP8
836x1986
AA006-02
50
5
35
0.9
1.3
30K ±20%
SOIC8
836x1986
GMR
pin 5, OUT+
Functional Block Diagram
shield
shield
pin 1, OUT-
pin 4, V-
(ground)
pin 8,
V+(supply)
Orientation
chamfer
OUT -
V- (ground)
OUT+
V+ (supply)
Pin-out
NVE
AAxxx
-02
Axis of Sensitivity
NVE
AAXXX-02
Pin 1


Similar Part No. - AA003-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA003-02 RHOPOINT-AA003-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA003-02 ETC2-AA003-02 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
NVE Corporation
AA003-02 NVE-AA003-02 Datasheet
378Kb / 2P
   Proximity Sensing
More results

Similar Description - AA003-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA002-02E ETC2-AA002-02E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com