Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA004-02 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AA004-02
Description  AA and AB-Series Analog Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AA004-02 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AA004-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AA004-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AA Sensors
- 15 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
General Characteristics:
Parameter
Min
Typical
Max
Unit
Input Voltage Range
<1
4
24
4
Volts
Operating Frequency
DC
>1
MHz
Operating Temperature Range
-50
125
°C
Bridge Electrical Offset
-4
+4
mV/V
Signal Output at Max. Field
60
mV/V
Nonlinearity
2
% (unipolar)
5
Hysteresis
4
% (unipolar)
5
TCR
+0.14
% /
°C6
TCOI
+0.03
% /
°C6
TCOV
-0.1
% /
°C6
Off Axis Characteristic
Cos
β7
ESD Tolerance
400
V pin-to-pin HBM
Notes:
1.
1 Oersted (Oe) = 1 Gauss in air.
2.
See the Appendix for package dimensions and tolerances.
3.
Sensors can be provided in die form by special request.
4.
GMR A
A-Series sensors are pure ratiometric devices meaning that they will operate properly at extremely low supply
voltages
. The output signal will be proportional to the supply voltage. Maximum voltage range is limited by the power
dissipation in the package and the maximum operating temperature of the sensor.
5.
Unipolar operation means exposure to magnetic fields of one polarity, e.g., 0 to 30 Gauss, or 2 to -50 Gauss, but not -20 to
+30 Gauss (bipolar operation)
. Bipolar operation will increase nonlinearity and hysteresis.
6.
TCR is resistance change with temperature with no applied field
. TCOI is the output change with temperature using a
constant current source to power the sensor
. TCOV is the output change with temperature using a constant voltage source
to power the sensor
. See the graphs below.
7.
Beta (
β) is any angle deviation from the sensitive axis.
AA002 Te mperature Performa nce,
1m A Curre nt Supply
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
-20
-15
-10-5
0
5
1015
20
Applie d M agnetic Field (Oe)
-40C
25C
85C
125C
AA002 Tem perature Performance, 5V Supply
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
-20
-15
-10
-5
0
5
10
15
20
Applied Magnetic Field (Oe)
-40C
25C
85C
125C


Similar Part No. - AA004-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA004-02 RHOPOINT-AA004-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA004-02 ETC2-AA004-02 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
NVE Corporation
AA004-02 NVE-AA004-02 Datasheet
378Kb / 2P
   Proximity Sensing
More results

Similar Description - AA004-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA002-02E ETC2-AA002-02E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com