Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APOLYFT12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APOLYFT12
Description  Mounting brackets required to meet UL/CSA external mounting requirements.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APOLYFT12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APOLYFT12 Datasheet HTML 1Page - List of Unclassifed Manufacturers APOLYFT12 Datasheet HTML 2Page - List of Unclassifed Manufacturers APOLYFT12 Datasheet HTML 3Page - List of Unclassifed Manufacturers APOLYFT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Spec-00214 E
Polyester POLYPRO™, TYPe 4X
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
NoN-Metallic
3
aDjUstable PaNel block kit
Panel blocks slide inside POLYPRO internal rail system for
panel height adjustment within top 5 in. of enclosure. Allows for
installation of multiple panels.
Bulletin: pcRY
Catalog Number
Qty.
APNLBLK
4
Includes Allen wrench
Polyester MoUNtiNg bracket kits
Replacement POLYPRO mounting brackets are sold in sets of two
and include hardware for mounting to enclosure.
Included with standard POLYPRO models.
Bulletin: pcRY
Catalog Number
Description (in.)
Qty.
APOLYFT4
4.00
2
APOLYFT6
6.00
2
APOLYFT8
8.00
2
APOLYFT10
10.00
2
APOLYFT12
12.00
2
APOLYFT14
14.00
2
APOLYFT16
16.00
2
alUMiNUM swiNg-oUt PaNels
Includes four POLYPRO Adjustable Panel Blocks. No enclosure
modification is required for installation.
Bulletin: pcRY
Catalog Number
D x E (in.)
D x E (mm)
A64PSWPNL
5.00 x 3.62
127 x 92
A66PSWPNL
5.00 x 5.62
127 x 143
A86PSWPNL
7.00 x 5.62
178 x 143
A88PSWPNL
7.00 x 7.62
178 x 194
A108PSWPNL
9.00 x 7.62
229 x 194
A1010PSWPNL
9.00 x 9.62
229 x 244
A1210PSWPNL
11.00 x 9.62
279 x 244
A1412PSWPNL
13.00 x 11.62
330 x 295
A1614PSWPNL
15.00 x 13.62
381 x 346
A1816PSWPNL
17.00 x 15.62
432 x 397


Similar Part No. - APOLYFT12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APOLLO ETC2-APOLLO Datasheet
3Mb / 1P
   MCU and SoC Products
APOLLO2 ETC2-APOLLO2 Datasheet
3Mb / 1P
   MCU and SoC Products
APOLLO2BLUE ETC2-APOLLO2BLUE Datasheet
3Mb / 1P
   MCU and SoC Products
APOLLO3BLUE ETC2-APOLLO3BLUE Datasheet
3Mb / 1P
   MCU and SoC Products
APOLLO3BLUEPLUS ETC2-APOLLO3BLUEPLUS Datasheet
3Mb / 1P
   MCU and SoC Products
More results

Similar Description - APOLYFT12

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
ANX-1390 BUD-ANX-1390 Datasheet
81Kb / 1P
   DIE CAST EXTERNAL MOUNTING BRACKETS
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com