Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA006-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AA006-00
Description  AA and AB-Series Analog Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AA006-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AA006-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AA006-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AA and AB-Series Analog Sensors
- 12 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
AA and AB-Series Analog Sensors
NVE’s AA and AB-Series analog GMR sensors offer unique and unparalleled magnetic sensing
capabilities. These sensors are characterized by high sensitivity to applied magnetic fields, excellent
temperature stability, low power consumption, and small size. These characteristics make them
suitable for use in a wide variety of applications from rugged industrial and automotive position,
speed, and current sensors, to low-voltage, battery-powered sensors for use in hand-held
instrumentation and implantable medical devices. The unmatched versatility of these basic magnetic
sensors makes them an excellent choice for a wide range of analog sensing applications.
The AA-Series sensors use NVE’s patented GMR materials and on-chip flux concentrators to provide
a directionally sensitive output signal. These sensors are sensitive in one direction in the plane of the
IC, with a cosine-scaled falloff in sensitivity as the sensor is rotated away from the sensitive direction.
Also, these devices provide the same output for magnetic fields in the positive or negative direction
along the axis of sensitivity (omnipolar output). All sensors are designed in a Wheatstone bridge
configuration to provide temperature compensation. Two packages are offered, an SOIC8 and an
MSOP8. These sensors are also available in die form on a special-order basis.
There are three families of NVE’s basic AA-Series sensors: the standard AA-Series, the AAH-Series,
and the AAL-Series. Each of these sensor families uses a different GMR material, with its own
characteristics. The comparison table below summarizes the different characteristics of the GMR
materials:
Parameter
AA Series
AAH Series
AAL Series
Sensitivity to Applied Fields
High
Very High
High
Field Range of Operation
High
Low
Medium
Hysteresis
Medium
High
Low
Temperature Range
High
Very High
Very High
The AB-Series sensors are differential sensor devices, or gradiometers, which take advantage of the
high output characteristics of NVE’s GMR materials. Two families of AB sensors are offered, the
standard AB-Series and the ABH-Series. They have operational characteristics similar to the AA and
AAH sensors described in the table above but with the bipolar linear output characteristics of a
differential sensor.
Within these different sensor families, customers can find an excellent match to their analog sensor
requirements.


Similar Part No. - AA006-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA006-00 RHOPOINT-AA006-00 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA006-00 ETC2-AA006-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
AA006-00 ETC2-AA006-00 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
NVE Corporation
AA006-00 NVE-AA006-00 Datasheet
378Kb / 2P
   Proximity Sensing
More results

Similar Description - AA006-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA002-02E ETC2-AA002-02E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com