Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT126 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74HCT126
Description  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT126 Datasheet(HTML) 5 Page - Diodes Incorporated

  74HCT126 Datasheet HTML 1Page - Diodes Incorporated 74HCT126 Datasheet HTML 2Page - Diodes Incorporated 74HCT126 Datasheet HTML 3Page - Diodes Incorporated 74HCT126 Datasheet HTML 4Page - Diodes Incorporated 74HCT126 Datasheet HTML 5Page - Diodes Incorporated 74HCT126 Datasheet HTML 6Page - Diodes Incorporated 74HCT126 Datasheet HTML 7Page - Diodes Incorporated 74HCT126 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HCT126
Document number: DS35337 Rev. 3 - 2
5 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT126
Ordering Information
Device
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74HCT126S14-13
S14
SO-14
2500/Tape & Reel
-13
74HCT126T14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74HCT126S14
SO-14
74HCT126T14
TSSOP-14


Similar Part No. - 74HCT126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT126 PHILIPS-74HCT126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT126 NEXPERIA-74HCT126 Datasheet
244Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 6 - 28 December 2022
logo
NXP Semiconductors
74HCT126D PHILIPS-74HCT126D Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT126D NEXPERIA-74HCT126D Datasheet
244Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 6 - 28 December 2022
74HCT126D-Q100 NEXPERIA-74HCT126D-Q100 Datasheet
702Kb / 15P
   Quad buffer/line driver; 3-state
More results

Similar Description - 74HCT126

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com