Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT126S14 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74HCT126S14
Description  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT126S14 Datasheet(HTML) 3 Page - Diodes Incorporated

  74HCT126S14 Datasheet HTML 1Page - Diodes Incorporated 74HCT126S14 Datasheet HTML 2Page - Diodes Incorporated 74HCT126S14 Datasheet HTML 3Page - Diodes Incorporated 74HCT126S14 Datasheet HTML 4Page - Diodes Incorporated 74HCT126S14 Datasheet HTML 5Page - Diodes Incorporated 74HCT126S14 Datasheet HTML 6Page - Diodes Incorporated 74HCT126S14 Datasheet HTML 7Page - Diodes Incorporated 74HCT126S14 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74HCT126
Document number: DS35337 Rev. 3 - 2
3 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT126
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range (Note 5)
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V or Vi > VCC +0.5V
±20
mA
IOK
Output Clamp Current
VO < -0.5V or VO > VCC +0.5V
±20
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
+/-25
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Notes:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
5. Input Voltage cannot exceed VCC to the extent the Maximum clamp current is exceeded.
Recommended Operating Conditions (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
4.5
5.5
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 4.5V to 5.5V
500
ns/V
TA
Operating Free-Air Temperature
-40
+125
°C
Note: 6. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input
Voltage
4.5V to 5.5V
2.0
2.0
V
VIL
Low-level Input
Voltage
4.5V to 5.5V
0.8
0.8
V
VOH
High-level Output
Voltage
IOH = -20μA
4.5V
4.4
4.4
V
IOH = -4mA
4.5V
3.84
3.70
VOL
Low-level Output
Voltage
IOL = 20μA
4.5V
0.1
0.1
V
IOL = 4.0mA
4.5V
0.33
0.4
IOZ
Z State Leakage
Current
VO = 0 to 5.5V
5.5V
± 5.0
± 10
μA
II
Input Current
VI = GND to 6.0V
6.0V
± 1
± 1
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
6.0V
20
40
μA
ΔICC
Additional Supply
Current
One Input at VCC -2.1V
Other Pins at VCC or GND
4.5V to 5.5V
675
735
μA


Similar Part No. - 74HCT126S14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT126 PHILIPS-74HCT126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT126 NEXPERIA-74HCT126 Datasheet
244Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 6 - 28 December 2022
logo
NXP Semiconductors
74HCT126D PHILIPS-74HCT126D Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT126D NEXPERIA-74HCT126D Datasheet
244Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 6 - 28 December 2022
74HCT126D-Q100 NEXPERIA-74HCT126D-Q100 Datasheet
702Kb / 15P
   Quad buffer/line driver; 3-state
More results

Similar Description - 74HCT126S14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com