Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC125 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74HC125
Description  QUADRUPLE 3-STATE BUFFERS OE LOW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC125 Datasheet(HTML) 1 Page - Diodes Incorporated

  74HC125 Datasheet HTML 1Page - Diodes Incorporated 74HC125 Datasheet HTML 2Page - Diodes Incorporated 74HC125 Datasheet HTML 3Page - Diodes Incorporated 74HC125 Datasheet HTML 4Page - Diodes Incorporated 74HC125 Datasheet HTML 5Page - Diodes Incorporated 74HC125 Datasheet HTML 6Page - Diodes Incorporated 74HC125 Datasheet HTML 7Page - Diodes Incorporated 74HC125 Datasheet HTML 8Page - Diodes Incorporated 74HC125 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74HC125
Document number: DS35326 Rev. 3 - 2
1 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HC125
QUADRUPLE 3-STATE BUFFERS OE LOW
Description
The 74HC125 provides provides four independent buffer gates with
3-state outputs. Each buffer has a separate enable pin that if driven
with a high logic level places the corresponding output in the high
impedance state. The device is designed for operation with a power
supply range of 2.0V to 6.0V.
Features
Wide Supply Voltage Range from 2.0V to 6.0V
Sinks or sources 4mA at VCC = 4.5V
CMOS low power consumption
Schmitt Trigger Action at All Inputs
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Range of Package Options SO-14 and TSSOP-14
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Pin Assignments
Applications
General Purpose Logic
Wide array of products such as:
PCs, Networking, Notebooks, Netbooks
Computer Peripherals, Hard Drives, CD/DVD ROM
TV, DVD, DVR, Set Top Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74HC125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC125 PHILIPS-74HC125 Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
ON Semiconductor
74HC125 ONSEMI-74HC125 Datasheet
132Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
74HC125 ONSEMI-74HC125 Datasheet
121Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
logo
Nexperia B.V. All right...
74HC125 NEXPERIA-74HC125 Datasheet
239Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 7 - 4 February 2021
74HC125-Q100 NEXPERIA-74HC125-Q100 Datasheet
756Kb / 15P
   Quad buffer/line driver; 3-state
More results

Similar Description - 74HC125

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com