Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G3404FW3-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AUP2G3404FW3-7
Description  BUFFER AND INVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G3404FW3-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AUP2G3404FW3-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G3404FW3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74AUP2G3404
Document number: DS36096 Rev. 4 - 2
4 of 12
www.diodes.com
December 2013
© Diodes Incorporated
74AUP2G3404
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA =-40 to +85°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
0.8V to 1.65V
0.80 X VCC
0.80 X VCC
V
1.65V to 1.95V
0.65 X VCC
0.65 X VCC
2.3V to 2.7V
1.6
1.6
3.0V to 3.6V
2.0
2.0
VIL
Low-Level Input
Voltage
0.8V to 1.65V
0.30 X VCC
0.30 X VCC
V
1.65V to 1.95V
0.35 X VCC
0.35 X VCC
2.3V to 2.7V
0.7
0.7
3.0V to 3.6V
0.9
0.9
VOH
High-Level
Output Voltage
IOH = -20μA
0.8V to 3.6V
VCC – 0.1
VCC – 0.1
V
IOH = -1.1mA
1.1V
0.75 X VCC
0.7 X VCC
IOH = -1.7mA
1.4V
1.11
1.03
IOH = -1.9mA
1.65V
1.32
1.3
IOH = -2.3mA
2.3V
2.05
1.97
IOH = -3.1mA
1.9
1.85
IOH = -2.7mA
3V
2.72
2.67
IOH = -4mA
2.6
2.55
VOL
Low-Level Input
Voltage
IOL = 20μA
0.8V to 3.6V
0.1
0.1
V
IOL = 1.1mA
1.1V
0.3 X VCC
0.3 X VCC
IOL = 1.7mA
1.4V
0.31
0.37
IOL = 1.9mA
1.65V
0.31
0.35
IOL = 2.3mA
2.3V
0.31
0.33
IOL = 3.1mA
0.44
0.45
IOL = 2.7mA
3V
0.31
0.33
IOL = 4mA
0.44
0.45
II
Input Current
A or B Input
0V to 3.6V
± 0.1
± 0.5
μA
IOFF
Power Down
VI or VO = 0V to 3.6V
0V
± 0.2
± 0.6
μA
∆IOFF
Delta Power
VI or VO = 0V to 3.6V
0V to 0.2V
± 0.2
± 0.6
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
0.5
0.9
μA
∆ICC
Additional Supply One input at VCC –0.6V Other
3.3V
40
50
μA


Similar Part No. - 74AUP2G3404FW3-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
logo
NXP Semiconductors
74AUP2G3404GF NXP-74AUP2G3404GF Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
74AUP2G3404GM NXP-74AUP2G3404GM Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404GM NEXPERIA-74AUP2G3404GM Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
More results

Similar Description - 74AUP2G3404FW3-7

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLCF MINILOGIC-ML74WLCF Datasheet
145Kb / 4P
   Inverter (unbuffered) and Buffer
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AXP2G3404 NEXPERIA-74AXP2G3404 Datasheet
819Kb / 16P
   Low-power buffer and inverter
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G3404 NEXPERIA-74AUP3G3404 Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
Renesas Technology Corp
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com