Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT126S14-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AHCT126S14-13
Description  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT126S14-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AHCT126S14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHCT126S14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHCT126S14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHCT126S14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHCT126S14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHCT126S14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHCT126S14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHCT126S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHCT126
Document number: DS35356 Rev. 2 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHCT126
Parameter Measurement Information
Vcc
Inputs
VM
Inputs
VM
Outputs
VLOAD
CL
RL
V∆
VI
tr/tf
4.5V to 5.5V
3 V
≤3ns
1.5 V
VCC/2
VCC
15pF, 50pF
1K
0.3V
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes: A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLZ and tPHZ are the same as tdis.
E. tPZL and tPZH are the same as tEN0
F. tPLH and tPHL are the same as tPD.
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
Vload
tPHZ/tPZH
GND


Similar Part No. - 74AHCT126S14-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT126 PHILIPS-74AHCT126 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 29
74AHCT126 NXP-74AHCT126 Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHCT126 NEXPERIA-74AHCT126 Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHCT126-Q100 NEXPERIA-74AHCT126-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHCT126BQ NXP-74AHCT126BQ Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
More results

Similar Description - 74AHCT126S14-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com