Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC86 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AHC86
Description  QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC86 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AHC86 Datasheet HTML 1Page - Diodes Incorporated 74AHC86 Datasheet HTML 2Page - Diodes Incorporated 74AHC86 Datasheet HTML 3Page - Diodes Incorporated 74AHC86 Datasheet HTML 4Page - Diodes Incorporated 74AHC86 Datasheet HTML 5Page - Diodes Incorporated 74AHC86 Datasheet HTML 6Page - Diodes Incorporated 74AHC86 Datasheet HTML 7Page - Diodes Incorporated 74AHC86 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHC86
Document number: DS35344 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC86
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
4.8
11.0
0.5
13.0
0.5
14.0
ns
4.5V to 5.5V
0.5
3.4
6.8
0.5
8.0
0.5
8.5
Figure 1
CL = 50pF
3.0V to 3.6V
0.5
6.8
14.5
0.5
16.5
0.5
18.5
4.5V to 5.5V
0.5
4.8
8.8
0.5
10.0
0.5
11.0
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V -3.6V
VCC
3ns
VCC/2
15pF, 50pF
4.5V to 5.5V
VCC
3ns
VCC/2
15pF, 50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AHC86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC86 PHILIPS-74AHC86 Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
74AHC86 NXP-74AHC86 Datasheet
85Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
logo
Nexperia B.V. All right...
74AHC86 NEXPERIA-74AHC86 Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC86BQ NXP-74AHC86BQ Datasheet
85Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
More results

Similar Description - 74AHC86

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com