Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ36CA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SMCJ36CA
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMCJ36CA Datasheet(HTML) 3 Page - Diodes Incorporated

  SMCJ36CA Datasheet HTML 1Page - Diodes Incorporated SMCJ36CA Datasheet HTML 2Page - Diodes Incorporated SMCJ36CA Datasheet HTML 3Page - Diodes Incorporated SMCJ36CA Datasheet HTML 4Page - Diodes Incorporated SMCJ36CA Datasheet HTML 5Page - Diodes Incorporated SMCJ36CA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMCJ5.0(C)A - SMCJ170(C)A
Document number: DS19003 Rev. 18 - 2
3 of 6
www.diodes.com
June 2012
© Diodes Incorporated
SMCJ5.0(C)A - SMCJ170(C)A
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Add C For
Bidirectional
(Note 10)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 11)
Test
Current
Max. Reverse
Leakage @
VRWM (Note 12)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current Ipp
Marking Code
VRWM (V)
Min (V)
Max (V)
IT(mA)
IR (μA)
VC (V)
(A)
BI
UNI
SMCJ5.0(C)A
5.0
6.40
7.07
10
1000
9.2
163.0
BDE
GDE
SMCJ6.0(C)A
6.0
6.67
7.37
10
1000
10.3
145.6
BDG
GDG
SMCJ6.5(C)A
6.5
7.22
7.98
10
500
11.2
133.9
BDK
GDK
SMCJ7.0(C)A
7.0
7.78
8.60
10
200
12.0
125.0
BDM
GDM
SMCJ7.5(C)A
7.5
8.33
9.21
1.0
100
12.9
116.3
BDP
GDP
SMCJ8.0(C)A
8.0
8.89
9.83
1.0
50
13.6
110.3
BDR
GDR
SMCJ8.5(C)A
8.5
9.44
10.4
1.0
20
14.4
104.2
BDT
GDT
SMCJ9.0(C)A
9.0
10.00
11.1
1.0
10
15.4
97.4
BDV
GDV
SMCJ10(C)A
10.0
11.10
12.3
1.0
5.0
17.0
88.2
BDX
GDX
SMCJ11(C)A
11.0
12.20
13.5
1.0
5.0
18.2
82.4
BDZ
GDZ
SMCJ12(C)A
12.0
13.30
14.7
1.0
5.0
19.9
75.3
BEE
GEE
SMCJ13(C)A
13.0
14.40
15.9
1.0
5.0
21.5
69.7
BEG
GEG
SMCJ14(C)A
14.0
15.60
17.2
1.0
5.0
23.2
64.7
BEK
GEK
SMCJ15(C)A
15.0
16.70
18.5
1.0
5.0
24.4
61.5
BEM
GEM
SMCJ16(C)A
16.0
17.80
19.7
1.0
5.0
26.0
57.7
BEP
GEP
SMCJ17(C)A
17.0
18.90
20.9
1.0
5.0
27.6
53.3
BER
GER
SMCJ18(C)A
18.0
20.00
22.1
1.0
5.0
29.2
51.4
BET
GET
SMCJ20(C)A
20.0
22.20
24.5
1.0
5.0
32.4
46.3
BEV
GEV
SMCJ22(C)A
22.0
24.40
27.0
1.0
5.0
35.5
42.2
BEX
GEX
SMCJ24(C)A
24.0
26.70
29.5
1.0
5.0
38.9
38.6
BEZ
GEZ
SMCJ26(C)A
26.0
28.90
31.9
1.0
5.0
42.1
35.6
BFE
GFE
SMCJ28(C)A
28.0
31.10
34.4
1.0
5.0
45.4
33.0
BFG
GFG
SMCJ30(C)A
30.0
33.30
36.8
1.0
5.0
48.4
31.0
BFK
GFK
SMCJ33(C)A
33.0
36.70
40.6
1.0
5.0
53.3
28.1
BFM
GFM
SMCJ36(C)A
36.0
40.00
44.2
1.0
5.0
58.1
25.8
BFP
GFP
SMCJ40(C)A
40.0
44.40
49.1
1.0
5.0
64.5
23.2
BFR
GFR
SMCJ43(C)A
43.0
47.80
52.8
1.0
5.0
69.4
21.6
BFT
GFT
SMCJ45(C)A
45.0
50.00
55.3
1.0
5.0
72.7
20.6
BFV
GFV
SMCJ48(C)A
48.0
53.30
58.9
1.0
5.0
77.4
19.4
BFX
GFX
SMCJ51(C)A
51.0
56.70
62.7
1.0
5.0
82.4
18.2
BFZ
GFZ
SMCJ54(C)A
54.0
60.00
66.3
1.0
5.0
87.1
17.2
BGE
GGE
SMCJ58(C)A
58.0
64.40
71.2
1.0
5.0
93.6
16.0
BGG
GGG
SMCJ60(C)A
60.0
66.70
73.7
1.0
5.0
96.8
15.5
BGK
GGK
SMCJ64(C)A
64.0
71.10
78.6
1.0
5.0
103.0
14.6
BGM
GGM
SMCJ70(C)A
70.0
77.80
86.0
1.0
5.0
113.0
13.3
BGP
GGP
SMCJ75(C)A
75.0
83.30
92.1
1.0
5.0
121.0
12.4
BGR
GGR
SMCJ78(C)A
78.0
86.70
95.8
1.0
5.0
126.0
11.4
BGT
GGT
SMCJ85(C)A
85.0
94.40
104
1.0
5.0
137.0
10.4
BGV
GGV
SMCJ90(C)A
90.0
100.00
111
1.0
5.0
146.0
10.3
BGX
GGX
SMCJ100(C)A
100.0
111.00
123
1.0
5.0
162.0
9.3
BGZ
GGZ
SMCJ110(C)A
110.0
122.00
135
1.0
5.0
177.0
8.4
BHE
GHE
SMCJ120(C)A
120.0
133.00
147
1.0
5.0
193.0
7.9
BHG
GHG
SMCJ130(C)A
130.0
144.00
159
1.0
5.0
209.0
7.2
BHK
GHK
SMCJ150(C)A
150.0
167.00
185
1.0
5.0
243. 0
6.2
BHM
GHM
SMCJ160(C)A
160.0
178.00
197
1.0
5.0
259. 0
5.8
BHP
GHP
SMCJ170(C)A
170.0
189.00
209
1.0
5.0
275.0
5.5
BHR
GHR
Notes:
10. Suffix C denotes Bidirectional device.
11. VBR measured with IT current pulse = 300μs.
12. For Bidirectional devices having VRWM of 10V and under, the IR is doubled.


Similar Part No. - SMCJ36CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ36CA FAIRCHILD-SMCJ36CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Micro Commercial Compon...
SMCJ36CA MCC-SMCJ36CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
MDE Semiconductor, Inc.
SMCJ36CA MDE-SMCJ36CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
SMCJ36CA JINGHENG-SMCJ36CA Datasheet
139Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMCJ36CA SUNMATE-SMCJ36CA Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SMCJ36CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com