Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS50BAF-3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # ZWS50BAF-3
Description  50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ZWS50BAF-3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  ZWS50BAF-3 Datasheet HTML 1Page - RSG Electronic Components GmbH ZWS50BAF-3 Datasheet HTML 2Page - RSG Electronic Components GmbH ZWS50BAF-3 Datasheet HTML 3Page - RSG Electronic Components GmbH ZWS50BAF-3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZWS-BAF Series
3
MADE IN JAPAN
ZWS75BAF-5
INPUT
50/60Hz
OUTPUT
100-240VAC
5 V
15 A
1.0 A
Outline Drawing ZWS75BAF
Notes:
A: 4 - 3.5mm Ø holes are for customers chassis mounting holes. All must be screwed in order to conform the vibration specification.
B: Model name, input voltage range nominal output voltage and maximum output current are shown here in accordance with the specifications.
C: Country of manufacture will be shown here.
D:
is for safety ground connection.
E: To keep the distance more than 4mm between PCB edge and customer’s chassis.
Outline Drawing ZWS100BAF
Notes:
A: 4 - 3.5mm Ø holes are for customers chassis mounting holes. All must be screwed in order to conform the vibration specification.
B: Model name, input voltage range nominal output voltage and maximum output current are shown here in accordance with the specifications.
C: Country of manufacture will be shown here.
D:
is for safety ground connection.
E: To keep the distance more than 4mm between PCB edge and customer’s chassis.
F: Remote On/Off Control Connector (CN52): B2B-XH-AM (J.S.T.) Option Matching Housing: XHP-2 (J.S.T.). Matching Terminal: BXH-001T-
P0.6 (J.S.T.) or SXH-001T-P0.6 (J.S.T.) Hand Crimping Tool: YC-110R (J.S.T.) or YRS-110 (J.S.T.)
Matching Housing & Terminal --- not included with the product.
Outline Drawing ZWS150BAF
Notes:
A: 4 - 3.5mm Ø holes are for customers chassis mounting holes. All must be screwed in order to conform the vibration specification.
B: Model name, input voltage range nominal output voltage and maximum output current are shown here in accordance with the specifications.
C: Country of manufacture will be shown here.
D:
is for safety ground connection.
E: To keep the distance more than 4mm between PCB edge and customer’s chassis.
F: Remote On/Off Control Connector (CN52): B2B-XH-AM (J.S.T.) Option Matching Housing: XHP-2 (J.S.T.). Matching Terminal: BXH-001T-
P0.6 (J.S.T.) or SXH-001T-P0.6 (J.S.T.) Hand Crimping Tool: YC-110R (J.S.T.) or YRS-110 (J.S.T.)
Matching Housing & Terminal --- not included with the product.


Similar Part No. - ZWS50BAF-3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWS50BAF-3 TDK-ZWS50BAF-3 Datasheet
221Kb / 1P
   AC-DC Power Supplies
ZWS50BAF-3-A TDK-ZWS50BAF-3-A Datasheet
237Kb / 1P
   AC-DC Power Supplies
ZWS50BAF-3-CO2 TDK-ZWS50BAF-3-CO2 Datasheet
221Kb / 1P
   AC-DC Power Supplies
ZWS50BAF-3-L TDK-ZWS50BAF-3-L Datasheet
224Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - ZWS50BAF-3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
   Single Output Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
TDK Electronics
ZWS150BP TDK-ZWS150BP Datasheet
537Kb / 2P
   150W to 480W Single Output Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
logo
MicroPower Direct, LLC
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
logo
SL Power Electronics
FLU4-150 SLPOWER-FLU4-150 Datasheet
502Kb / 4P
   150W QUAD OUTPUT SWITCHING POWER SUPPLIES
logo
MicroPower Direct, LLC
MPA150 MPD-MPA150 Datasheet
387Kb / 2P
   Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com