Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS5-12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # ZWS5-12
Description  Single Output Low Cost, Worldwide Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ZWS5-12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  ZWS5-12 Datasheet HTML 1Page - RSG Electronic Components GmbH ZWS5-12 Datasheet HTML 2Page - RSG Electronic Components GmbH ZWS5-12 Datasheet HTML 3Page - RSG Electronic Components GmbH ZWS5-12 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZWS Series
1
ZWS Series
Single Output Low Cost,
Worldwide Use
Key Market Segments & Applications
Factory Automation
Process Control, NC-Machining,
Automotive, Packaging Equipment,
Materials Handling,
Chemical Processing, Robots
Test & Measurement
Burn-in & Test, Automated
Test, Instrumentation,
Measurement, Detection
Light Industrial
Gaming, Vending, Printers
• Universal Input (85 - 265VAC)
• Input Transient Protected
• 2 Year Warranty
• High Quality Design
• Peak Power Capability
ZWS Features and Benefits
Features
Benefits
• Input Transient Protected
• Withstands Harsh Environments
• 2 Year Warranty
• Lower Cost of Ownership
• Peak Power Capability
• Can Drive High current Start Up Devices
MODELS
ZWS5
ZWS15
ZWS50
ITEMS
ZWS10
ZWS30
AC Input Voltage range
-
85-265VAC (47-440Hz)
DC Input Voltage range
-
110 - 330VDC
Inrush Current (100/200VAC)
(1)
A
15 / 30
Power Factor (Passive)
-
None
Temperature Coefficient
-
<0.02%/ºC
Overcurrent Protection
(2)
-
~125%
Overvoltage Protection
V
~140% diode clamp
~115 - 130%, manual reset
Hold Up Time (Typ) @ 100VAC
ms
17
Remote Sense
-
None
Operating Temperature
-
(open frame) -10ºC~+60ºC, derate linearly to 70% load from 50ºC~60ºC
Operating Temperature
-
(with cover)Additional derating applies, please consult Installation Manual
Storage Temperature
-
-30 to +85ºC
Humidity (non condensing)
-
10 - 95% RH
Cooling
-
Convection
Withstand Voltage
-
Input to Ground 2kVAC (20mA), Input to Output 3kVAC (20mA),
Output to Ground 500VAC (100mA) for 1 min.
Isolation Resistance
-
>100MΩ at 25ºC & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour
Shock
-
< 196.1 m/s2
Safety Agency Approvals
-
UL/CSA60950-1, EN60950-1, CE Mark
Conducted & Radiated
EM
EN55022-B, FCC Class B, VCCI-B
Weight (Typ)
g
120/120
140/270
370
Size (WxHxD)
mm
See table
Warranty
yrs
2
Specifications
Notes:
(1) 25ºC ambient (cold start) (2) Avoid prolonged operation in overload


Similar Part No. - ZWS5-12

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS5-12 LAMBDA-ZWS5-12 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
More results

Similar Description - ZWS5-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
PHOENIX CONTACT
1810191 PHOENIX-1810191 Datasheet
117Kb / 4P
   Well-known connection principle allows worldwide use
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
PHOENIX CONTACT
1936186 PHOENIX-1936186 Datasheet
105Kb / 4P
   Well-known connection principle allows worldwide use
logo
Omron Electronics LLC
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
RSG Electronic Componen...
EA1015-AR RSG-EA1015-AR Datasheet
129Kb / 2P
   10 ~ 15W AC-DC Single Output Wall Mount Worldwide Type
logo
MicroPower Direct, LLC
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com