Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS50-15 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # ZWS50-15
Description  Single Output Low Cost, Worldwide Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ZWS50-15 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  ZWS50-15 Datasheet HTML 1Page - RSG Electronic Components GmbH ZWS50-15 Datasheet HTML 2Page - RSG Electronic Components GmbH ZWS50-15 Datasheet HTML 3Page - RSG Electronic Components GmbH ZWS50-15 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZWS Series
ZWS June11 v2
4
LOCAL DISTRIBUTION
TDK-LAMBDA EMEA
www.emea.tdk-lambda.com
TDK-Lambda France SAS
Route de Grivery
ZAC des Delaches
CS 41077
91978 Courtaboeuf Cedex
France
Tel: +33 1 60 12 71 65
Fax: +33 1 60 12 71 66
france@fr.tdk-lambda.com
www.fr.tdk-lambda.com
Italy Sales Office
Via dei Lavoratori 128/130
20092 Cinisello Balsamo (MI)
Italy
Tel: +39 02 61 29 38 63
Fax: +39 02 61 29 09 00
info.italia@it.tdk-lambda.com
www.it.tdk-lambda.com
TDK-Lambda Germany GmbH
Karl-Bold-Strasse 40
77855 Achern
Germany
Tel: +49 7841 666 0
Fax: +49 7841 5000
info.germany@de.tdk-lambda.com
www.de.tdk-lambda.com
Austria Sales Office
Aredstrasse 22
2544 Leobersdorf
Austria
Tel: +43 2256 655 84
Fax: +43 2256 645 12
info.germany@de.tdk-lambda.com
www.de.tdk-lambda.com
TDK-Lambda UK Ltd.
Kingsley Avenue
Ilfracombe
Devon EX34 8ES
United Kingdom
Tel: +44 (0) 12 71 85 66 66
Fax: +44 (0) 12 71 86 48 94
powersolutions@uk.tdk-lambda.com
www.uk.tdk-lambda.com
Nemic Lambda Ltd.
Kibbutz
Givat Hashlosha 48800
Israel
Tel: +9 723 902 4333
Fax: +9 723 902 4777
info@nemic.co.il
www.nemic.co.il
Russia
Technical Support:
St Petersburg
Tel: +7 (812) 6580463
Sales:
Moscow
Tel: +7 (499) 7557732
info@tdk-lambda.ru
www.tdk-lambda.ru
Distribution:
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach / Germany
Tel. +49.69.984047-0 Fax +49.69.984047-77 info@rsg-electronic.de www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice.


Similar Part No. - ZWS50-15

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS50-15 LAMBDA-ZWS50-15 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
TDK Electronics
ZWS50-150BAF TDK-ZWS50-150BAF Datasheet
351Kb / 2P
   Single Output, High Reliability AC-DC Power Supplies
More results

Similar Description - ZWS50-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
PHOENIX CONTACT
1810191 PHOENIX-1810191 Datasheet
117Kb / 4P
   Well-known connection principle allows worldwide use
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
PHOENIX CONTACT
1936186 PHOENIX-1936186 Datasheet
105Kb / 4P
   Well-known connection principle allows worldwide use
logo
Omron Electronics LLC
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
RSG Electronic Componen...
EA1015-AR RSG-EA1015-AR Datasheet
129Kb / 2P
   10 ~ 15W AC-DC Single Output Wall Mount Worldwide Type
logo
MicroPower Direct, LLC
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com