Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS50-48 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # ZWS50-48
Description  Single Output Low Cost, Worldwide Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ZWS50-48 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  ZWS50-48 Datasheet HTML 1Page - RSG Electronic Components GmbH ZWS50-48 Datasheet HTML 2Page - RSG Electronic Components GmbH ZWS50-48 Datasheet HTML 3Page - RSG Electronic Components GmbH ZWS50-48 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZWS Series
2
Model Selector
Max
Peak
Load
Line
Ripple
Adjust
Curr.
Curr.
Reg
Reg
Noise
Eff.
Model
Voltage
Range
AA
mV
mV
mV
%
ZWS5-3
3.3V
2.97-3.63
1
1.2
40
20
120
62
ZWS10-3
3.3V
2.97-3.63
2
2.4
40
20
120
62
ZWS15-3
3.3V
2.97-3.63
3
3.6
40
20
120
63
ZWS30-3
3.3V
2.97-3.63
6
7.2
40
20
120
70
ZWS50-3
3.3V
2.97-3.63
10
12
40
20
120
73
ZWS5-5
5V
4.5-5.5
1
1.2
40
20
120
67
ZWS10-5
5V
4.5-5.5
2
2.4
40
20
120
70
ZWS15-5
5V
4.5-5.5
3
3.6
40
20
120
71
ZWS30-5
5V
4.5-5.5
6
7.2
40
20
120
75
ZWS50-5
5V
4.5-5.5
10
12
40
20
120
77
ZWS5-12
12V
10.8-13.2
0.42
0.51
96
48
150
68
ZWS10-12
12V
10.8-13.2
0.85
1.02
96
48
150
70
ZWS15-12
12V
10.8-13.2
1.25
1.5
96
48
150
71
ZWS30-12
12V
10.8-13.2
2.5
3
96
48
150
77
ZWS50-12
12V
10.8-13.2
4.3
5.16
96
48
150
80
ZWS5-15
15V
13.5-16.5
0.34
0.41
120
60
150
68
ZWS10-15
15V
13.5-16.5
0.7
0.84
120
60
150
71
ZWS15-15
15V
13.5-16.5
1
1.2
120
60
150
71
ZWS30-15
15V
13.5-16.5
2
2.4
120
60
150
77
ZWS50-15
15V
13.5-16.5
3.5
4.2
120
60
150
81
ZWS5-24
24V
21.6-26.4
0.22
0.27
150
96
200
70
ZWS10-24
24V
21.6-26.4
0.45
0.54
150
96
200
71
ZWS15-24
24V
21.6-26.4
0.65
0.78
150
96
200
71
ZWS30-24
24V
21.6-26.4
1.3
1.56
150
96
200
78
ZWS50-24
24V
21.6-26.4
2.1
2.52
150
96
200
82
ZWS30-36
36V
32.4-39.6
0.9
1.08
240
144
300
78
ZWS50-36
36V
32.4-39.6
1.4
1.68
240
144
300
82
ZWS30-48
48V
43.2-52.8
0.7
0.84
300
192
400
78
ZWS50-48
48V
43.2-52.8
1.1
1.32
300
192
400
82
Note for Peak Current: For 10s maximum, 35% duty cycle, average power not to exceed maximum ratings.
Options
Suffix
Description
Blank
Molex Terminals
/A
Cover option
/J
JST Connectors
/JA
JST Connectors & Cover
Outline Drawing ZWS5 Series
Width (W)
Height (H)
Depth (D)
ZWS5
45
21
98
ZWS10
50
21
105
ZWS15
50
21
125
ZWS30
55
26
133
ZWS50
55
26
195
Dimension Table (mm)


Similar Part No. - ZWS50-48

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS50-48 LAMBDA-ZWS50-48 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
More results

Similar Description - ZWS50-48

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
PHOENIX CONTACT
1810191 PHOENIX-1810191 Datasheet
117Kb / 4P
   Well-known connection principle allows worldwide use
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
PHOENIX CONTACT
1936186 PHOENIX-1936186 Datasheet
105Kb / 4P
   Well-known connection principle allows worldwide use
logo
Omron Electronics LLC
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
RSG Electronic Componen...
EA1015-AR RSG-EA1015-AR Datasheet
129Kb / 2P
   10 ~ 15W AC-DC Single Output Wall Mount Worldwide Type
logo
MicroPower Direct, LLC
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com