Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6674TRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6674TRPBF
Description  Compatible with existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6674TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6674TRPBF Datasheet HTML 1Page - International Rectifier IRF6674TRPBF Datasheet HTML 2Page - International Rectifier IRF6674TRPBF Datasheet HTML 3Page - International Rectifier IRF6674TRPBF Datasheet HTML 4Page - International Rectifier IRF6674TRPBF Datasheet HTML 5Page - International Rectifier IRF6674TRPBF Datasheet HTML 6Page - International Rectifier IRF6674TRPBF Datasheet HTML 7Page - International Rectifier IRF6674TRPBF Datasheet HTML 8Page - International Rectifier IRF6674TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6674TRPbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs. Drain Current
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
≤60μs PULSE WIDTH
Tj = 25°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
≤60μs PULSE WIDTH
Tj = 150°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 13.4A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20
40
60
80
100
ID, Drain Current (A)
0
10
20
30
40
50
TA= 25°C
VGS = 7.0V
VGS = 8.0V
VGS = 10V
VGS = 15V
2.0
4.0
6.0
8.0
10.0
12.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 10V
≤60μs PULSE WIDTH


Similar Part No. - IRF6674TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TRPBF IRF-IRF6674TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6674TRPBF IRF-IRF6674TRPBF Datasheet
255Kb / 9P
   DirectFETPower MOSFET
IRF6674TRPBF IRF-IRF6674TRPBF_08 Datasheet
255Kb / 9P
   DirectFETPower MOSFET
More results

Similar Description - IRF6674TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com