Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR5305PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFR5305PBF
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR5305PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFR5305PBF Datasheet HTML 1Page - International Rectifier IRFR5305PBF Datasheet HTML 2Page - International Rectifier IRFR5305PBF Datasheet HTML 3Page - International Rectifier IRFR5305PBF Datasheet HTML 4Page - International Rectifier IRFR5305PBF Datasheet HTML 5Page - International Rectifier IRFR5305PBF Datasheet HTML 6Page - International Rectifier IRFR5305PBF Datasheet HTML 7Page - International Rectifier IRFR5305PBF Datasheet HTML 8Page - International Rectifier IRFR5305PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRFR/U5305PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
500
1000
1500
2000
2500
1
10
100
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
DS
-V
, Drain-to-Source Voltage (V)
0
4
8
12
16
20
0
102030405060
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 13
V
= -44V
V
= -28V
I
= -16A
D
DS
DS
10
100
1000
0.4
0.8
1.2
1.6
2.0
T = 25°C
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
T = 175°C
J
1
10
100
1000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
100µs
1ms
10ms
A
T
= 25°C
T
= 175°C
Single Pulse
C
J
DS
-V
, Drain-to-Source Voltage (V)


Similar Part No. - IRFR5305PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
logo
Kersemi Electronic Co.,...
IRFR5305PBF KERSEMI-IRFR5305PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFR5305PBF KERSEMI-IRFR5305PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRFR5305PBF IRF-IRFR5305PBF Datasheet
249Kb / 11P
   Ultra Low On-Resistance
IRFR5305PBF IRF-IRFR5305PBF Datasheet
249Kb / 11P
   Ultra Low On-Resistance
More results

Similar Description - IRFR5305PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com