Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-T36123B112VD41-CF Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-T36123B112VD41-CF
Description  FESTOON LED BULB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-T36123B112VD41-CF Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-T36123B112VD41-CF Datasheet HTML 1Page - A-BRIGHT Inc AB-T36123B112VD41-CF Datasheet HTML 2Page - A-BRIGHT Inc AB-T36123B112VD41-CF Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
3
11/27/2009
Part No.: AB-T36123B112VD41-CF
3 Top LEDs Bulb
FEATURE:
SUPER LUMINOSITY BLUE LED (InGaN).
WATER CLEAR PACKAGE.
3 CHIPS TOP VIEW LED.
WIDE VIEWING ANGLE.
ELECTRIC DC.
MATERIALS:
LED LENS: UV RESISTENT EPOXY
ABSOLUTE MAXIMUM RATING: Ta = 25 ℃
PEAK OPERATE VOLTAGE........................
14 V
OPERATING TEMPERATURE......................
-25 TO +85℃
STORAGE TEMPERATURE.........................
-35 TO +100℃
LED BULB LIFE………………………………..
20000 HOURS
(LUMINANCE REDUCES to 50%)
ABSOLUTE OPTICAL CHARACTERISTIC Ta= 25℃
PARAMETER
SYMBOL MIN
TYP
MAX
UNIT
Operate Voltage
V
-----
12
14
V
Luminous Intensity
VIN= 12V DC
IV
-----
2200
-----
mcd
Dominant Wavelength
VIN= 12V DC
λD
-----
470
-----
nm
Forward Current
VIN= 12V DC
I
F
-----
65
-----
mA
Viewing Angle
2
θ1/2
-----
120
-----
deg


Similar Part No. - AB-T36123B112VD41-CF

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-T36123B112VD41-CF A-BRIGHT-AB-T36123B112VD41-CF Datasheet
117Kb / 3P
   3 TOP LEDs Bulb
11/27/2009
AB-T36123B112VD41-CF A-BRIGHT-AB-T36123B112VD41-CF_15 Datasheet
117Kb / 3P
   FESTOON LED BULB
More results

Similar Description - AB-T36123B112VD41-CF

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-T26123SW12VD36-CF A-BRIGHT-AB-T26123SW12VD36-CF Datasheet
72Kb / 3P
   FESTOON LED BULB
11/27/2009
AB-T36123G112VD41-CF A-BRIGHT-AB-T36123G112VD41-CF Datasheet
117Kb / 3P
   FESTOON LED BULB
11/27/2009
AB-0651W0-12VD-CF-B A-BRIGHT-AB-0651W0-12VD-CF-B Datasheet
65Kb / 3P
   FESTOON LED BULB
AB-P06481TY12VD31-CF A-BRIGHT-AB-P06481TY12VD31-CF Datasheet
101Kb / 3P
   FESTOON LED BULB
AB-T26123W112VD36-CF A-BRIGHT-AB-T26123W112VD36-CF Datasheet
72Kb / 3P
   FESTOON LED BULB
11/27/2009
AB-P06481G012VD36-CF A-BRIGHT-AB-P06481G012VD36-CF Datasheet
101Kb / 3P
   FESTOON LED BULB
AB-0651B0-12VD-CF-B A-BRIGHT-AB-0651B0-12VD-CF-B Datasheet
208Kb / 3P
   FESTOON LED BULB
AB-P06481B012VD36-CF A-BRIGHT-AB-P06481B012VD36-CF Datasheet
193Kb / 3P
   FESTOON LED BULB
AB-P06481R012VD36-CF A-BRIGHT-AB-P06481R012VD36-CF Datasheet
193Kb / 3P
   FESTOON LED BULB
10/31/2006
AB-P06481SW12VD31-CF A-BRIGHT-AB-P06481SW12VD31-CF Datasheet
190Kb / 3P
   FESTOON LED BULB
AB-P06481TR12VD36-CF A-BRIGHT-AB-P06481TR12VD36-CF Datasheet
193Kb / 3P
   FESTOON LED BULB
10/31/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com