Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC817XF4J00F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC817XF4J00F
Description  DIP 4pin General Purpose Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817XF4J00F Datasheet(HTML) 2 Page - Sharp Corporation

  PC817XF4J00F Datasheet HTML 1Page - Sharp Corporation PC817XF4J00F Datasheet HTML 2Page - Sharp Corporation PC817XF4J00F Datasheet HTML 3Page - Sharp Corporation PC817XF4J00F Datasheet HTML 4Page - Sharp Corporation PC817XF4J00F Datasheet HTML 5Page - Sharp Corporation PC817XF4J00F Datasheet HTML 6Page - Sharp Corporation PC817XF4J00F Datasheet HTML 7Page - Sharp Corporation PC817XF4J00F Datasheet HTML 8Page - Sharp Corporation PC817XF4J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
■ Internal Connection Diagram
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A03102EN
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PC817XJ0000F]
2. SMT Gullwing Lead-Form [ex. PC817XIJ000F]
3. Wide Through-Hole Lead-Form [ex. PC817XFJ000F]
Product mass : approx. 0.22g
Product mass : approx. 0.23g
Product mass : approx. 0.22g
Product mass : approx. 0.23g
4. Wide SMT Gullwing Lead-Form [ex. PC817XFPJ00F]
6.5
±0.5
7.62
±0.3
4.58
±0.5
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Anode mark
Rank mark
Factory identification mark
Date code
PC817
0.5
±0.1
0.26
±0.1
6.5
±0.5
7.62
±0.3
4.58
±0.5
2.54
±0.25
Epoxy resin
4
3
Anode mark
Rank mark
Factory identification mark
Date code
1.0
+0.4
−0
1.0
+0.4
−0
10.0
+0
−0.5
1
2
PC817
PC817
6.5
±0.5
Anode mark
Factory identification mark
Date code
4
3
7.62
±0.3
10.16
±0.5
0.26
±0.1
4.58
±0.5
0.5
±0.1
Epoxy resin
Rank mark
1
2
PC817
6.5
±0.5
10.16
±0.5
0.75
±0.25
0.75
±0.25
Anode mark
Rank mark
Factory identification mark
Date code
4
3
7.62
±0.3
12.0
MAX
4.58
±0.5
Epoxy resin
0.5
±0.1
1
2
PC817XJ0000F Series


Similar Part No. - PC817XF4J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XF SHARP-PC817XF Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XF SHARP-PC817XF Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XFP SHARP-PC817XFP Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XFP SHARP-PC817XFP Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
More results

Similar Description - PC817XF4J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com