Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3096DG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS3096DG4
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3096DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3096DG4 Datasheet HTML 3Page - Texas Instruments THS3096DG4 Datasheet HTML 4Page - Texas Instruments THS3096DG4 Datasheet HTML 5Page - Texas Instruments THS3096DG4 Datasheet HTML 6Page - Texas Instruments THS3096DG4 Datasheet HTML 7Page - Texas Instruments THS3096DG4 Datasheet HTML 8Page - Texas Instruments THS3096DG4 Datasheet HTML 9Page - Texas Instruments THS3096DG4 Datasheet HTML 10Page - Texas Instruments THS3096DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
THS3092
THS3096
SLOS428B – DECEMBER 2003 – REVISED FEBRUARY 2006
V
S = ±5 V, RF = 909 Ω, RL = 100 Ω, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0°C to
-40°C to
MIN/TYP/
25°C
25°C
UNIT
70°C
85°C
MAX
OUTPUT CHARACTERISTICS
RL = 1 kΩ
±3.4
±3.1
±2.8
±2.8
Output voltage swing
V
MIN
RL = 100 Ω
±3.1
±2.7
±2.5
±2.5
Output current (sourcing)
RL = 10 Ω
200
160
140
140
mA
MIN
Output current (sinking)
RL = 10 Ω
180
150
125
125
mA
MIN
Output impedance
f = 1 MHz, Closed loop
0.09
TYP
POWER SUPPLY
Specified operating voltage
±5
±4.5
±4.5
±4.5
V
MAX
Maximum quiescent current
8.2
9
9.5
9.5
mA
MAX
Per channel
Minimum quiescent current
8.2
7
6.5
6.5
mA
MIN
Power supply rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS- = -5 V
73
68
63
63
dB
MIN
Power supply rejection (-PSRR)
VS+ = 5 V, VS- = -4.5 V to 5.5 V
71
65
60
60
dB
MIN
POWER-DOWN CHARACTERISTICS (THS3096 ONLY)
VS+ – 4
MAX
REF voltage range(1)
VS–
MIN
V
Enable
PD
≥ REF + 2
MIN
Power-down voltage level(1)
Disable
PD
≤ REF + 0.8
MAX
Power-down quiescent current
PD = 0V
300
500
600
600
µA
MAX
VPD = 0 V, REF = 0 V,
11
15
20
20
VPD quiescent current
µA
MAX
VPD = 3.3 V, REF = 0 V
11
15
20
20
Turnon time delay
90% of final value
60
µs
TYP
Turnoff time delay
10% of final value
150
(1)
For detailed information on th behavior of the powerdown circuit, see the Powerdown and Powerdown Reference sections in the
Application Information of this data sheet.
FIGURE
±15-V graphs
Noninverting frequency response
1, 2
Inverting frequency response
3
0.1 dB flatness
4
Noninverting frequency response
5
Inverting frequency response
6
Frequency response capacitive load
7
Recommended RISO
vs Capacitive load
8
2nd Harmonic distortion
vs Frequency
9, 11
3rd Harmonic distortion
vs Frequency
10, 12
Slew rate
vs Output voltage step
13, 14, 15
Noise
vs Frequency
16
Settling time
17, 18
Quiescent current
vs Supply voltage
19
Output voltage
vs Load resistance
20
Input bias and offset current
vs Case temperature
21
Input offset voltage
vs Case temperature
22
7
Submit Documentation Feedback


Similar Part No. - THS3096DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3096D TI-THS3096D Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096DR TI-THS3096DR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3096DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com