Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3096DG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS3096DG4
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3096DG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3096DG4 Datasheet HTML 6Page - Texas Instruments THS3096DG4 Datasheet HTML 7Page - Texas Instruments THS3096DG4 Datasheet HTML 8Page - Texas Instruments THS3096DG4 Datasheet HTML 9Page - Texas Instruments THS3096DG4 Datasheet HTML 10Page - Texas Instruments THS3096DG4 Datasheet HTML 11Page - Texas Instruments THS3096DG4 Datasheet HTML 12Page - Texas Instruments THS3096DG4 Datasheet HTML 13Page - Texas Instruments THS3096DG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
www.ti.com
5.7
5.8
5.9
6
6.1
6.2
6.3
100 k
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2,
RF = 909 Ω,
RL = 200 Ω,
VO = 200 mVPP,
VS = ±15 V
0
2
4
6
8
10
12
16
1 M
10 M
100 M
1 G
14
f − Frequency − Hz
VO = 5 VPP
Gain = −5,
RF = 715 Ω,
RL = 100 Ω,
VS = ±15 V
VO = 1 VPP
VO = 2 VPP
VO = 10 VPP
VO = 20 VPP
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 2VPP
VO = 1VPP
VO = 20VPP
VO = 10VPP
VO = 5VPP
Gain = 5,
RF = 715 Ω,
RL = 100 Ω,
VS = ±15 V
0
5
10
15
20
25
30
35
40
45
10
100
CL − Capacitive Load − pF
Gain = 5,
VS = ±15 V
+
178
715
RISO
CL
−90
−80
−70
−60
−50
−40
100 k
1 M
10 M
100 M
f − Frequency − Hz
VS = ±15 V,
VO = 2 VPP
G = 2
RF = 909 Ω,
RL = 1 kΩ
G = 2
RF = 909 Ω,
RL = 100 Ω
G = 1
RF = 1.1 kΩ,
RL = 1 kΩ
G = 1
RF = 1.1 kΩ,
RL = 100 Ω
−2
0
2
4
6
8
10
12
14
16
10 M
100 M
1 G
f − Frequency − Hz
R(ISO) = 15 Ω
CL = 100 pF
Gain = 5
RL = 100 Ω
VS =±15 V
R(ISO) = 39.2 Ω
CL = 10 pF
R(ISO) = 30.9 Ω
CL = 22 pF
R(ISO) = 20 Ω
CL = 47 pF
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
100 M
f − Frequency − Hz
G = 5
RF = 715 Ω,
RL = 100 Ω,
Vs = ±15 V
VO = 20 VPP
VO = 10 VPP
VO = 5 VPP
VO = 2 VPP
−90
−80
−70
−60
−50
−40
100 k
1 M
10 M
100 M
f − Frequency − Hz
VS = ±15 V,
VO = 2 VPP
G = 1
RF = 1.1 kΩ,
RL = 1 kΩ
G = 2
RF = 909 Ω,
RL = 1 kΩ
G = 2
RF = 909 Ω,
RL = 100 Ω
G = 1
RF = 1.1 kΩ,
RL = 100 Ω
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
100 M
f − Frequency − Hz
G = 5
RF = 715 Ω,
RL = 100 Ω,
Vs = ±15 V
VO = 20 VPP
VO = 10 VPP
VO = 5 VPP
VO = 2 VPP
THS3092
THS3096
SLOS428B – DECEMBER 2003 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (±15 V) (continued)
0.1 dB FLATNESS
NONINVERTING
INVERTING
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
FREQUENCY RESPONSE
RECOMMENDED RISO
2ND HARMONIC DISTORTION
CAPACITIVE LOAD
vs
vs
CAPTIVATE LOAD
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
3RD HARMONIC DISTORTION
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
10
Submit Documentation Feedback


Similar Part No. - THS3096DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3096D TI-THS3096D Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096DR TI-THS3096DR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3096DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com