Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3110 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3110_14 Datasheet HTML 4Page - Texas Instruments THS3110_14 Datasheet HTML 5Page - Texas Instruments THS3110_14 Datasheet HTML 6Page - Texas Instruments THS3110_14 Datasheet HTML 7Page - Texas Instruments THS3110_14 Datasheet HTML 8Page - Texas Instruments THS3110_14 Datasheet HTML 9Page - Texas Instruments THS3110_14 Datasheet HTML 10Page - Texas Instruments THS3110_14 Datasheet HTML 11Page - Texas Instruments THS3110_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
THS3110
THS3111
SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
±15-V Graphs
Noninverting small-signal gain frequency response
1, 2
Inverting small-signal gain frequency response
3
0.1-dB flatness
4
Noninverting large-signal gain frequency response
5
Inverting large-signal gain frequency response
6
Frequency response capacitive load
7
Recommended RISO
vs Capacitive load
8
2nd harmonic distortion
vs Frequency
9
3rd harmonic distortion
vs Frequency
10
Harmonic distortion
vs Output voltage swing
11, 12
Slew rate
vs Output voltage step
13, 14, 15, 16
Noise
vs Frequency
17
Settling time
18, 19
Quiescent current
vs Supply voltage
20
Output voltage
vs Load resistance
21
Input bias and offset current
vs Case temperature
22
Input offset voltage
vs Case temperature
23
Transimpedance
vs Frequency
24
Rejection ratio
vs Frequency
25
Noninverting small-signal transient response
26
Inverting large signal transient response
27
Overdrive recovery time
28
Differential gain
vs Number of loads
29
Differential phase
vs Number of loads
30
Closed loop output impedance
vs Frequency
31
Power-down quiescent current
vs Supply voltage
32
Turn-on and turn-off time delay
33
±5-V Graphs
Noninverting small-signal gain frequency response
34
Inverting small-signal gain frequency response
35
0.1-dB flatness
36
Noninverting large-signal gain frequency response
37
Inverting large-signal gain frequency response
38
Slew rate
vs Output voltage step
39, 40, 41, 42
2nd harmonic distortion
vs Frequency
43
3rd harmonic distortion
vs Frequency
44
Harmonic distortion
vs Output voltage swing
45, 46
Noninverting small-signal transient response
47
Inverting small-signal transient response
48
Overdrive recovery time
49
Rejection ratio
vs Frequency
50
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3110 THS3111


Similar Part No. - THS3110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110DGN TI-THS3110DGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110DGNR TI-THS3110DGNR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110ID TI-THS3110ID Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110IDG4 TI-THS3110IDG4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com