Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DBVT
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DBVT Datasheet(HTML) 4 Page - Texas Instruments

  THS3201DBVT Datasheet HTML 1Page - Texas Instruments THS3201DBVT Datasheet HTML 2Page - Texas Instruments THS3201DBVT Datasheet HTML 3Page - Texas Instruments THS3201DBVT Datasheet HTML 4Page - Texas Instruments THS3201DBVT Datasheet HTML 5Page - Texas Instruments THS3201DBVT Datasheet HTML 6Page - Texas Instruments THS3201DBVT Datasheet HTML 7Page - Texas Instruments THS3201DBVT Datasheet HTML 8Page - Texas Instruments THS3201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±7.5 V
THS3201
SLOS416C – JUNE 2003 – REVISED JUNE 2009 ............................................................................................................................................................. www.ti.com
At RF = 768 Ω, RL = 100 Ω, and G = +2, unless otherwise noted.
THS3201
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
MIN/
0°C to
–40°C to
+25°C
+25°C
UNITS
TYP/
+70°C
+85°C
MAX
AC PERFORMANCE
G = +1, RF = 1.2 kΩ
1.8
GHz
G = +2, RF = 768 Ω
850
Small-signal bandwidth, –3 dB
Typ
(VO = 200 mVPP)
G = +5, RF = 619 Ω
565
MHz
G = +10, RF = 487 Ω
520
Bandwidth for 0.1 dB flatness
G = +2, VO = 200 mVpp
380
MHz
Typ
Large-signal bandwidth
G = +2, VO = 2 Vpp
880
MHz
Typ
G = +2, VO = 5-V step, Rise/Fall
5400/4000
Slew rate
V/
µs
Typ
G = +2, VO = 10-V step, Rise/Fall
9800/6700
Rise and fall time
G = +2, VO = 4-V step, Rise/Fall
0.7/0.9
ns
Typ
Settling time to 0.1%
20
G = –2, VO = 2-V step
ns
Typ
Settling time to 0.01%
60
Harmonic distortion
RL = 100 Ω
–64
dBc
Typ
2nd-order harmonic
G = +5, f = 10 MHz,
VO = 2 Vpp
RL = 100 Ω
–73
dBc
Typ
3rd-order harmonic
G = +10, fc = 20 MHz, Δf = 1 MHz,
Third-order intermodulation distortion (IMD3)
–78
dBc
Typ
VO(envelope) = 2 Vpp
G = +10, fc = 100 MHz, RF = 255 Ω,
Noise figure
11
dB
Typ
RG = 28
Input voltage noise
f > 10 MHz
1.65
nV/
√Hz
Typ
Input current noise (noninverting)
13.4
pA/
√Hz
Typ
f > 10 MHz
Input current noise (inverting)
20
pA/
√Hz
Typ
NTSC
0.008%
Typ
Differential gain
PAL
0.004%
Typ
G = +2, RL = 150 Ω,
RF = 768 Ω
NTSC
0.007°
Typ
Differential phase
PAL
0.011°
Typ
DC PERFORMANCE
Open-loop transimpedance gain
VO = ±1 V, RL = 1 kΩ
300
200
140
120
k
Min
Input offset voltage
±0.7
±3
±3.8
±4
mV
Max
Average offset voltage drift
±10
±13
µV/°C
Typ
Input bias current (inverting)
±13
±60
±80
±85
µA
Max
VCM = 0 V
Average bias current drift (–)
±300
±400
nA/°C
Typ
Input bias current (noninverting)
±14
±35
±45
±50
µA
Max
Average bias current drift (+)
±300
±400
nA/°C
Typ
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3201


Similar Part No. - THS3201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DBVT TI-THS3201DBVT Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com