Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3120IDGNG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS3120IDGNG4
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3120IDGNG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3120IDGNG4 Datasheet HTML 2Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 3Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 4Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 5Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 6Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 7Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 8Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 9Page - Texas Instruments THS3120IDGNG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
THS3120
THS3121
SLOS420E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS
At VS = ±5 V, RF = 750 Ω, RL = 50 Ω, and G = 2, unless otherwise noted.
TYP
OVER TEMPERATURE
0°C to
–40°C to
MIN/TYP/
PARAMETER
TEST CONDITIONS
+25°C
+25°C
+70°C
+85°C
UNIT
MAX
AC PERFORMANCE
G = 1, RF = 909 Ω, VO = 200 mVPP
105
G = 2, RF = 750 Ω, VO = 200 mVPP
100
Small-signal bandwidth, –3 dB
G = 5, RF = 499 Ω, VO = 200 mVPP
95
MHz
TYP
G = 10, RF = 301 Ω, VO = 200 mVPP
70
0.1-dB bandwidth flatness
G = 2, RF = 750 Ω, VO = 200 mVPP
70
Large-signal bandwidth
G = 2, RF = 750 Ω , VO = 2 VPP
85
G = 1, VO = 2-V step, RF = 909 Ω
560
Slew rate (25% to 75% level)
V/
μs
TYP
G = 2, VO = 2-V step, RF = 750 Ω
620
Recommended maximum SR for
Slew rate
900
V/
μs
MAX
repetitive signals(1)
Rise and fall time
G = –5, VO = 5-V step, RF = 499 Ω
10
ns
TYP
Settling time to 0.1%
G = –2, VO = 2 VPP step
7
ns
TYP
Settling time to 0.01%
G = –2, VO = 2 VPP step
42
Harmonic distortion
RL = 50 Ω
51
2nd harmonic distortion
G = 2,
RL = 499 Ω
53
RF = 649 Ω,
dBc
TYP
VO = 2 VPP,
RL = 50 Ω
48
f = 10 MHz
3rd harmonic distortion
RL = 499 Ω
60
Input voltage noise
f > 20 kHz
2.5
nV/
√Hz
TYP
Noninverting input current noise
f > 20 kHz
1
pA/
√Hz
TYP
Inverting input current noise
f > 20 kHz
10
pA/
√Hz
TYP
NTSC
0.008%
Differential gain
G = 2,
PAL
0.008%
RL = 150 Ω,
TYP
NTSC
0.014°
RF = 806 Ω
Differential phase
PAL
0.018°
DC PERFORMANCE
Transimpedance
VO = ±1.25 V, gain = 1
1.2
0.9
0.7
0.7
M
MIN
Input offset voltage
6
10
12
13
mV
MAX
VCM = 0 V
Average offset voltage drift
±10
±10
µV/°C
TYP
Noninverting input bias current
1
4
6
6
μA
MAX
VCM = 0 V
Average bias current drift
±10
±10
nA/°C
TYP
Inverting input bias current
2
15
20
20
μA
MAX
VCM = 0 V
Average bias current drift
±10
±10
nA/°C
TYP
Input offset current
2
15
20
20
μA
MAX
VCM = 0 V
Average offset current drift
±30
±30
nA/°C
TYP
INPUT CHARACTERISTICS
Input common-mode voltage range
±2.7
±2.5
±2.3
±2.3
V
MIN
Common-mode rejection ratio
VCM = ±2.5 V
66
62
58
58
dB
MIN
Noninverting input resistance
35
M
TYP
Noninverting input capacitance
0.5
pF
TYP
OUTPUT CHARACTERISTICS
RL = 1 kΩ
±4
±3.8
±3.7
±3.7
Output voltage swing
V
MIN
RL = 50 Ω
±3.9
±3.7
±3.6
±3.6
Output current (sourcing)
RL = 10 Ω
310
250
200
200
mA
MIN
Output current (sinking)
RL = 10 Ω
325
250
200
200
mA
MIN
Output impedance
f = 1 MHz
0.05
Ω
TYP
(1)
For more information, see the Application Information section of this data sheet.
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3120 THS3121


Similar Part No. - THS3120IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120IDGN TI-THS3120IDGN Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120IDGN TI1-THS3120IDGN Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120IDGNR TI-THS3120IDGNR Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3120IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com