Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DR
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DR Datasheet(HTML) 2 Page - Texas Instruments

  THS3201DR Datasheet HTML 1Page - Texas Instruments THS3201DR Datasheet HTML 2Page - Texas Instruments THS3201DR Datasheet HTML 3Page - Texas Instruments THS3201DR Datasheet HTML 4Page - Texas Instruments THS3201DR Datasheet HTML 5Page - Texas Instruments THS3201DR Datasheet HTML 6Page - Texas Instruments THS3201DR Datasheet HTML 7Page - Texas Instruments THS3201DR Datasheet HTML 8Page - Texas Instruments THS3201DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS3201
SLOS416C – JUNE 2003 – REVISED JUNE 2009 ............................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Over operating free-air temperature range unless otherwise noted.
(1)
UNIT
VS
Supply voltage
16.5 V
VI
Input voltage
±VS
IO
Output current
175 mA
VID
Differential input voltage
±3 V
Continuous power dissipation
See Dissipation Rating Table
TJ
Maximum junction temperature(2)
+150°C
TJ
Maximum junction temperature, continuous operation, long term reliability(3)
+125°C
TA
Operating free-air temperature range
–40°C to +85°C
TSTG
Storage temperature range
–65°C to +150°C
HBM
3000 V
ESD ratings
CDM
1500 V
MM
100 V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(3)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
POWER RATING(3)
θ
JC
θ
JA
(2)
(TJ = +125°C)
PACKAGE
(°C/W)
(°C/W)
TA ≤ +25°C
TA= +85°C
DBV (5)
55
255.4
391 mW
156 mW
D (8)
38.3
97.5
1.02 W
410 mW
DGN (8)(1)
4.7
58.4
1.71 W
685 mW
DGK (8 pin)
54.2
260
385 mW
154 mW
(1)
The THS3201 may incorporate a PowerPAD™ on the underside of the chip. This acts as a heat sink
and must be connected to a thermally dissipative plane for proper power dissipation. Failure to do so
may result in exceeding the maximum junction temperature which could permanently damage the
device. See TI technical briefs SLMA002 and SLMA004 for more information about utilizing the
PowerPAD thermally enhanced package.
(2)
This data was taken using the JEDEC standard High-K test PCB.
(3)
Power rating is determined with a junction temperature of +125°C. This is the point where distortion
starts to substantially increase. Thermal management of the final PCB should strive to keep the
junction temperature at or below +125°C for best performance and long term reliability.
MIN
MAX
UNIT
Dual supply
±3.3
±7.5
Supply voltage
V
Single supply
6.6
15
TA
Operating free-air temperature range
–40
+85
°C
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3201


Similar Part No. - THS3201DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DR TI-THS3201DR Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com