Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201DRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS3201DRG4
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3201DRG4 Datasheet HTML 5Page - Texas Instruments THS3201DRG4 Datasheet HTML 6Page - Texas Instruments THS3201DRG4 Datasheet HTML 7Page - Texas Instruments THS3201DRG4 Datasheet HTML 8Page - Texas Instruments THS3201DRG4 Datasheet HTML 9Page - Texas Instruments THS3201DRG4 Datasheet HTML 10Page - Texas Instruments THS3201DRG4 Datasheet HTML 11Page - Texas Instruments THS3201DRG4 Datasheet HTML 12Page - Texas Instruments THS3201DRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Table of Graphs (VS = ±5 V)
THS3201
www.ti.com ............................................................................................................................................................. SLOS416C – JUNE 2003 – REVISED JUNE 2009
FIGURE
Noninverting small-signal frequency response
37
Inverting small-signal frequency response
38
0.1 dB gain flatness frequency response
39
2nd harmonic distortion
vs Frequency
40
3rd harmonic distortion
vs Frequency
41
2nd harmonic distortion, G = 2
vs Output voltage
42
3rd harmonic distortion, G = 2
vs Output voltage
43
2nd harmonic distortion, G = 5
vs Output voltage
44
3rd harmonic distortion, G = 5
vs Output voltage
45
2nd harmonic distortion, G = 10
vs Output voltage
46
3rd harmonic distortion, G = 10
vs Output voltage
47
Third-order intermodulation distortion (IMD3)
vs Frequency
48
S-Parameter
vs Frequency
49, 50
Slew rate
vs Output voltage step
51
Noninverting small-signal transient response
52
Inverting large-signal transient response
53
Overdrive recovery time
54
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS3201


Similar Part No. - THS3201DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DR TI-THS3201DR Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com