Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4511RGTT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4511RGTT
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4511RGTT Datasheet(HTML) 4 Page - Texas Instruments

  THS4511RGTT Datasheet HTML 1Page - Texas Instruments THS4511RGTT Datasheet HTML 2Page - Texas Instruments THS4511RGTT Datasheet HTML 3Page - Texas Instruments THS4511RGTT Datasheet HTML 4Page - Texas Instruments THS4511RGTT Datasheet HTML 5Page - Texas Instruments THS4511RGTT Datasheet HTML 6Page - Texas Instruments THS4511RGTT Datasheet HTML 7Page - Texas Instruments THS4511RGTT Datasheet HTML 8Page - Texas Instruments THS4511RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
THS4511
SLOS471E – SEPTEMBER 2005 – REVISED NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 5 V
Test conditions unless otherwise noted: VS+ = 5 V, VS– = 0 V, G = 0 dB, CM = open, VO = 2 VPP, RF = 349 Ω, RL = 200 Ω
differential, T = +25°C single-ended input, differential output, input referenced to ground, and output referenced to midsupply.
THS4511
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE (see Figure 38)
G = 0 dB, VO = 100 mVPP
1.6
Small-Signal Bandwidth
GHz
G = 6 dB, VO = 100 mVPP
1.4
Gain-Bandwidth Product
2
GHz
G = 0 dB, VO = 2 VPP
160
Bandwidth for 0.1-dB flatness
MHz
G = 6 dB, VO = 2 VPP
620
Large-Signal Bandwidth
G = 10 dB, VO = 2 VPP
1.35
GHz
Slew Rate (Differential)
4900
V/µs
Rise Time
VO = 2-V Step
0.5
ns
Fall Time
0.5
ns
Settling Time to 1%
3.3
ns
Settling Time to 0.1%
16
ns
f = 10 MHz
–117
f = 50 MHz
–80
2nd Order Harmonic Distortion
f = 100 MHz
–64
dBc
f = 10 MHz
–106
C
f = 50 MHz
–92
3rd Order Harmonic Distortion
f = 100 MHz
–80
fC = 70 MHz
–78
2nd Order Intermodulation Distortion
fC = 140 MHz
–56
200-kHz tone spacing,
dBc
RL = 100 Ω
fC = 70 MHz
–88
3rd Order Intermodulation Distortion
fC = 140 MHz
–71.4
fC = 70 MHz
76.3
2nd Order Output Intercept Point
fC = 140 MHz
53.4
200-kHz tone spacing,
dBm
RL = 100 Ω
fC = 70 MHz
42
3rd Order Output Intercept Point
fC = 140 MHz
34
fC = 70 MHz
12.2
1-dB Compression Point(2)
dBm
fC = 140 MHz
10.8
Noise Figure
50-
Ω system, 10 MHz
21.8
dB
Input Voltage Noise
f > 10 MHz
2
nV/
√Hz
Input Current Noise
f > 10 MHz
1.5
pA/
√Hz
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
63
dB
C
TA = +25°C
1
4
Input Offset Voltage
mV
A
TA = –40°C to +85°C
1
5
Average Offset Voltage Drift
2.3
µV/°C
B
TA = +25°C
1.75
8
15.5
Input Bias Current
µA
A
TA = –40°C to +85°C
8
18.5
Average Bias Current Drift
20
nA/°C
B
TA = +25°C
0.5
3.6
Input Offset Current
µA
A
TA = –40°C to +85°C
0.5
7
Average Offset Current Drift
7
nA/°C
B
(1)
Test levels: (A) 100% tested at +25°C. Over-temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
The 1-dB compression point is measured at the load with 50-
Ω double termination. Add 3 dB to refer to amplifier output.
4
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4511


Similar Part No. - THS4511RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511RGTT TI-THS4511RGTT Datasheet
2Mb / 25P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511RGTT NSC-THS4511RGTT Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4511RGTTG4 TI-THS4511RGTTG4 Datasheet
2Mb / 25P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511RGTTG4 NSC-THS4511RGTTG4 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4511RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com