Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4511RGTT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4511RGTT
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4511RGTT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4511RGTT Datasheet HTML 6Page - Texas Instruments THS4511RGTT Datasheet HTML 7Page - Texas Instruments THS4511RGTT Datasheet HTML 8Page - Texas Instruments THS4511RGTT Datasheet HTML 9Page - Texas Instruments THS4511RGTT Datasheet HTML 10Page - Texas Instruments THS4511RGTT Datasheet HTML 11Page - Texas Instruments THS4511RGTT Datasheet HTML 12Page - Texas Instruments THS4511RGTT Datasheet HTML 13Page - Texas Instruments THS4511RGTT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
−100
−90
−80
−70
−60
−50
−40
0
50
100
150
200
f − Frequency − MHz
VOD =2VPP Envelope
200kHz ToneSpacing
RL =1kΩ
RL =100 Ω
RL =200 Ω
−110
−105
−100
−95
−90
−85
−80
−75
−70
−65
−60
0
50
100
150
200
f − Frequency − MHz
VOD =2VPP Envelope
200kHz ToneSpacing
RL =1kΩ
RL =200 Ω
RL =100 Ω
45
50
55
60
65
70
75
80
85
90
95
0
50
100
150
200
f − Frequency − MHz
RL =100 Ω
VOD =2VPP Envelope
200kHz ToneSpacing
25
30
35
40
45
50
0
50
100
150
200
f − Frequency − MHz
RL =100 Ω
VOD =2VPP Envelope
200kHz ToneSpacing
THS4511
SLOS471E – SEPTEMBER 2005 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: VS+ – VS– = 5 V (continued)
Test conditions unless otherwise noted: VS+ = 5 V, VS– = 0 V, G = 0 dB, CM = open, VO = 2 VPP, RF = 349 Ω, RL = 200 Ω
differential, single-ended input, input referenced to ground, and output referenced to midrail.
IMD2 vs FREQUENCY
IMD3 vs FREQUENCY
Figure 13.
Figure 14.
OIP2 vs FREQUENCY
OIP3 vs FREQUENCY
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4511


Similar Part No. - THS4511RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511RGTT TI-THS4511RGTT Datasheet
2Mb / 25P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511RGTT NSC-THS4511RGTT Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4511RGTTG4 TI-THS4511RGTTG4 Datasheet
2Mb / 25P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511RGTTG4 NSC-THS4511RGTTG4 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4511RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com