Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA250 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BMA250
Description  Digital, triaxial acceleration sensor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA250 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BMA250 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 12Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 13Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 14Page - List of Unclassifed Manufacturers BMA250 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
BMA250
Data sheet
Bosch Sensortec
Rev. 1.15
Page 11 / not for publishing
31 - May - 2012
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
both supply voltages. In case the I²C interface shall be used, a direct electrical connection
between VDDIO supply and the PS pin is needed in order to ensure reliable protocol selection
(see section 4.2 Operational modes).
4.2 Operational modes
Depending on the configuration the BMA250 is able to operate in two different operational
modes:
 General mode: The device is acting as a slave on a digital interface (SPI or I²C) and is
controlled by the external bus master (e.g. µC). The master gets measurement data and
status information from the device through the digital interface. In particular, the master
can configure the interrupt controller and read out the interrupt status registers.
Moreover, it can freely configure and use the two interrupt pins (INT1, INT2). Several
interrupts may be enabled in parallel.
 Dedicated mode: The dedicated mode allows the sensor to be operated as a stand-
alone device in a simple µC-less system without abandon of the interrupt functionality.
No digital interface is needed and, as a consequence, no measurement data can be
read from the device. Instead of the digital interface the internal interrupt engine with its
default setting is used. The interrupt status is mapped onto dedicated output pins. One
out of three different sub-modes can be chosen: A) orientation recognition, B) tap
sensing or C) slope (any-motion) detection. Only one interrupt at a time can be
assigned.
The selection of the operational mode is done during start-up or reset by the state of the PS pin.
If PS is floating, the dedicated mode is selected. A defined digital state selects the general
mode. All pads are in input mode (no output driver active) during the start-up sequence until the
operational mode and, in case of the general mode, the interface type is selected. The start-up
sequence is run after power-up and after reset.
Figure 2 illustrates the selection of the different operational modes:
reset
yes
no
PS floating?
General Mode
Dedicated Mode
check configuration pins
Table 4 & Table 5
PS = 0?
General Mode
with I²C
General Mode
with SPI
One or more
interrupts can be
configured via I²C
One or more
interrupts can be
configured via SPI
Sub-Mode B
Tap Sens.
Sub-Mode A
Orientation Sens.
Sub-Mode C
Slope Sens.
Tap sensing Interrupt
is enabled
Orientation Interrupt
is enabled
Any-Motion Interrupt
is enabled
yes
no
Figure 2: Operational mode selection


Similar Part No. - BMA250

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA250 BOSCH-BMA250 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA250E ETC2-BMA250E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA250E BOSCH-BMA250E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
More results

Similar Description - BMA250

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
   Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA250E ETC2-BMA250E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com