Electronic Components Datasheet Search |
|
THS4520 Datasheet(PDF) 5 Page - Texas Instruments |
|
THS4520 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 37 page www.ti.com THS4520 SLOS503B – SEPTEMBER 2006 – REVISED JULY 2007 SPECIFICATIONS; VS+ – VS– = 5 V: (continued) Test conditions unless otherwise noted: VS+ = +2.5 V, VS– = –2.5 V, G = 0 dB, CM = open, VO = 2 VPP, RF = 499 Ω, RL = 200 Ω Differential, TA = 25°C Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply TEST PARAMETER TEST CONDITIONS MIN TYP MAX UNIT LEVEL(1) DC PERFORMANCE Open-Loop Voltage Gain (AOL) 112 dB C TA = 25°C ±0.25 ±2.5 mV Input Offset Voltage A TA = –40°C to 85°C ±0.25 ±3 mV Average Offset Voltage Drift TA = –40°C to 85°C 1 μV/ °C B TA = 25°C 6.5 10 Input Bias Current μA A TA = –40°C to 85°C 6.4 11 Average Bias Current Drift TA = –40°C to 85°C 1.9 nA/ °C B TA = 25°C ±0.2 ±2.5 Input Offset Current μA A TA = –40°C to 85°C ±0.2 ±3 Average Offset Current Drift TA = –40°C to 85°C 1.6 nA/ °C B INPUT Common-Mode Input Range High 1.75 V Common-Mode Input Range Low –1.3 B Common-Mode Rejection Ratio 84 dB Differential Input Impedance 7.5||0.31 k Ω||pF C 2.67||0.7 Common-Mode Input Impedance M Ω||pF C 7 OUTPUT TA = 25°C 1.95 2.16 Maximum Output Voltage High V TA = –40C to 1.9 2.16 85 °C Each output with 100 Ω to mid-supply TA = 25°C –2.16 –1.95 A Minimum Output Voltage Low V TA = –40C to –2.16 –1.9 85 °C Differential Output Voltage Swing TA = –40C to 85°C 7.8 8.64 V Differential Output Current Drive RL = 10 Ω 105 mA C Output Balance Error VO = 100 mV, f = 1 MHz –80 dB OUTPUT COMMON-MODE VOLTAGE CONTROL Small-Signal Bandwidth 230 MHz Gain 1 V/V Output Common-Mode Offset from CM input 1.25 V < CM < 3.5 V ±0.25 mV C CM Input Bias Current 1.25 V < CM < 3.5 V 0.6 μA CM Input Voltage –1.5 1.5 V CM Default Voltage CM = 0.5 (VS+ + VS- ) 0 V POWER SUPPLY Specified Operating Voltage 3 5 5.25 V C TA = 25°C 14.2 15.3 Maximum Quiescent Current mA TA = –40C to 85°C 14.2 15.5 TA = 25°C 13.1 14.2 A Minimum Quiescent Current mA TA = –40C to 85°C 12.75 14.2 Power Supply Rejection ( ±PSRR) 94 dB POWERDOWN Referenced to Vs– Enable Voltage Threshold >1.5 V For additional information, see the Application C Information section of this data sheet. Disable Voltage Threshold <–1.5 V TA = 25°C 15 70 Powerdown Quiescent Current μA A TA = –40C to 85°C 15 75 5 Submit Documentation Feedback |
Similar Part No. - THS4520_14 |
|
Similar Description - THS4520_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |