Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7316 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS7316
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7316 Datasheet(HTML) 5 Page - Texas Instruments

  THS7316_14 Datasheet HTML 1Page - Texas Instruments THS7316_14 Datasheet HTML 2Page - Texas Instruments THS7316_14 Datasheet HTML 3Page - Texas Instruments THS7316_14 Datasheet HTML 4Page - Texas Instruments THS7316_14 Datasheet HTML 5Page - Texas Instruments THS7316_14 Datasheet HTML 6Page - Texas Instruments THS7316_14 Datasheet HTML 7Page - Texas Instruments THS7316_14 Datasheet HTML 8Page - Texas Instruments THS7316_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS VS+ = 5 V:
THS7316
SLOS521A – MARCH 2007 – REVISED JANUARY 2008
RL = 150Ω to GND – Reference Figure 2 and Figure 3 (unless otherwise noted)
TYP
OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
70
°C
85
°C
UNITS
MAX/
TYP
AC PERFORMANCE
Small-signal bandwidth (–3dB)
VO – 0.2 VPP
(1)
36
31/43
30/44
30/44
MHz
Min/Max
Large-signal bandwidth (–3dB)
VO – 2 VPP
(1)
36
31/43
30/44
30/44
MHz
Min/Max
–1dB Passband bandwidth
31
MHz
Typ
Attenuation
f = 27 MHz
0.3
–0.3/2.4
–0.35/2.5
–0.4/2.6
dB
Min/Max
With respect to 100 kHz
f = 74 MHz
30
20
19
19
dB
Min
Group delay
f = 100 kHz
16.1
ns
Typ
Group delay variation
f = 27 MHz
5.4
ns
Typ
with respect to 100kHz
Channel-to-channel delay
0.3
ns
Typ
Differential gain
NTSC / PAL
0.1 /
Typ
0.15%
Differential phase
NTSC / PAL
0.1 / 0.1
°
Typ
Total harmonic distortion
f = 1 MHz; VO = 2 VPP
–70
dB
Typ
Signal to noise ratio
No Weighting, 100 kHz to 37.5 MHz
67
dB
Typ
Channel-to-channel crosstalk
f = 1 MHz
–62
dB
Typ
AC Gain – All channels
6
5.7/6.3
5.65/6.35
5.65/6.35
dB
Min/Max
Output Impedance
f = 10 MHz
0.5
Typ
DC PERFORMANCE
Biased output voltage
VI = 0 V
290
210/370
200/380
190/390
mV
Min/Max
Input voltage range
Limited by output
–0.1/2.3
V
Typ
Sync tip clamp charge current
VI = –0.1 V
380
µA
Typ
Input resistance
800
k
Typ
Input capacitance
2
pF
Typ
OUTPUT CHARACTERISTICS
RL = 150 Ω to 2.5V
4.85
V
Typ
RL = 150 Ω to GND
4.7
4.2
4.1
4.1
V
Min
High output voltage swing
RL = 75 Ω to 2.5V
4.7
V
Typ
RL = 75 Ω to GND
4.5
V
Typ
RL = 150 Ω to 2.5V (VI = –0.15 V)
0.19
V
Typ
RL = 150 Ω to GND (VI = –0.15 V)
0.09
0.23
0.26
0.27
V
Max
Low output voltage swing
RL = 75 Ω to 2.5V (VI = –0.15 V)
0.35
V
Typ
RL = 75 Ω to GND (VI = –0.15 V)
0.1
V
Typ
Output current (sourcing)
RL = 10 Ω to 2.5 V
90
mA
Typ
Output current (sinking)
RL = 10 Ω to 2.5 V
85
mA
Typ
POWER SUPPLY
Maximum operating voltage
5
5.5
5.5
5.5
V
Max
Minimum operating voltage
5
2.85
2.85
2.85
V
Min
Maximum quiescent current
VI = 0 V
19.3
23
25
26
mA
Max
Minimum quiescent current
VI = 0 V
19.3
14.7
14.2
13.8
mA
Min
Power Supply Rejection (+PSRR)
52
dB
Typ
(1)
The Min/Max values listed for this specification are specified by design and characterization only.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :THS7316


Similar Part No. - THS7316_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com