Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA657 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA657 Datasheet(HTML) 4 Page - Texas Instruments

  OPA657 Datasheet HTML 1Page - Texas Instruments OPA657 Datasheet HTML 2Page - Texas Instruments OPA657 Datasheet HTML 3Page - Texas Instruments OPA657 Datasheet HTML 4Page - Texas Instruments OPA657 Datasheet HTML 5Page - Texas Instruments OPA657 Datasheet HTML 6Page - Texas Instruments OPA657 Datasheet HTML 7Page - Texas Instruments OPA657 Datasheet HTML 8Page - Texas Instruments OPA657 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
THS4631
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VS = ±15 V, RF = 499 Ω, RL = 1 kΩ, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40°C to
MIN/
25
°C
25
°C
UNITS
70
°C
85
°C
MAX
AC PERFORMANCE
G = 1, RF = 0 Ω, VO = 200 mVPP
325
G = 2, RF = 499 Ω, VO = 200 mVPP
105
Small signal bandwidth, -3 dB
MHz
G = 5, RF = 499 Ω, VO = 200 mVPP
55
G = 10, RF = 499 Ω, VO = 200 mVPP
25
Gain bandwidth product
G
> 20
210
MHz
0.1 dB bandwidth flatness
G = 2, RF = 499 Ω, CF = 8.2 pF
38
MHz
Large-signal bandwidth
G = 2, RF = 499 Ω, VO = 2 VPP
105
MHz
G = 2, RF = 499 Ω, VO = 2-V step
550
Slew rate
G = 2, RF = 499 Ω, VO = 10-V step
900
V/
µs
G = 5, RF = 499 Ω, VO = 10-V step
1000
Rise and fall time
2-V step
5
ns
0.1%, G = -1, VO = 2-V step, CF = 4.7 pF
40
Settling time
ns
0.01%, G = -1, VO = 2-V step, CF = 4.7 pF
190
HARMONIC DISTORTION
RL = 100 Ω
-65
Second harmonic distortion
dBc
G = 2,
RL = 1 k Ω
-76
VO = 2 VPP,
RL = 100 Ω
-62
f = 5 MHz
Third harmonic distortion
dBc
RL = 1 kΩ
-94
Input voltage noise
f
> 10 kHz
7
nV/
√Hz
Input current noise
f
> 10 kHz
20
fA/
√Hz
DC PERFORMANCE
Open-loop gain
RL = 1 kΩ
80
70
65
65
dB
Min
Input offset voltage(1)
260
500
1600
2000
µV
Max
VCM = 0 V
Average offset voltage drift(1)
25
°C to 85°C
±2.5
±10
±12
±12
µV/°C
Max
Input bias current
50
100
1500
2000
pA
Max
VCM = 0 V
Input offset current
25
100
700
1000
pA
Max
INPUT CHARACTERISTICS
-12.5 to
Common-mode input range
-13 to 12
-12 to 11
-9 to 11
V
Min
11.5
Common-mode rejection ratio
VCM = 10 V
95
86
80
80
dB
Min
Differential input resistance
Ω || pF
109 || 3.9
Common-mode input resistance
Ω || pF
109 || 3.9
OUTPUT CHARACTERISTICS
RL = 100 Ω
±11
±10
±9.5
±9.5
Output voltage swing
V
Min
RL = 1 kΩ
±13.5
±13
±12.8
±12.8
Static output current (sourcing)
RL = 20 Ω
98
90
85
80
mA
Min
Static output current (sinking)
RL = 20 Ω
95
85
80
80
mA
Min
Closed loop output impedance
G = 1, f = 1 MHz
0.1
POWER SUPPLY
±15
±16.5
±16.5
±16.5
V
Max
Specified operating voltage
±5
±4
±4
±4
V
Min
Maximum quiescent current
11.5
13
14
14
mA
Max
Minimum quiescent current
11.5
10
9
9
mA
Min
Power supply rejection (PSRR +)
VS+ = 15.5 V to 14.5 V, VS– = 15 V
95
85
80
80
dB
Min
Power supply rejection (PSRR
–)
VS+ = 15 V, VS– = -15.5 V to -14..5 V
95
85
80
80
dB
Min
(1)
Input offset voltage is 100% tested at 25
°C. It is specified by characterization and simulation over the listed temperature range.
4
Copyright
© 2004–2011, Texas Instruments Incorporated


Similar Part No. - OPA657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA657 BURR-BROWN-OPA657 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
OPA657 TI-OPA657 Datasheet
1Mb / 25P
[Old version datasheet]   OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
More results

Similar Description - OPA657

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com