Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7316DG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316DG4
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7316DG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7316DG4 Datasheet HTML 4Page - Texas Instruments THS7316DG4 Datasheet HTML 5Page - Texas Instruments THS7316DG4 Datasheet HTML 6Page - Texas Instruments THS7316DG4 Datasheet HTML 7Page - Texas Instruments THS7316DG4 Datasheet HTML 8Page - Texas Instruments THS7316DG4 Datasheet HTML 9Page - Texas Instruments THS7316DG4 Datasheet HTML 10Page - Texas Instruments THS7316DG4 Datasheet HTML 11Page - Texas Instruments THS7316DG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
V
− OutputVoltage − V
O
PP
-90
-70
-60
-40
-30
-20
2.5
3
0.5
1
1.5
2
-80
-50
V =3.3V
S
Load=150
||13pF
W
F=16MHz
F=8MHz
F=4MHz
F=2MHz
F=1MHz
V
− OutputVoltage − V
O
PP
-90
-70
-60
-40
-30
-20
0.5
1.5
1
2
2.5
3
-80
-50
V =3.3V
S
Load=150
||13pF
W
F=16MHz
F=8MHz
F=4MHz
F=2MHz
-100
F=1MHz
f − Frequency − MHz
−90
−80
−70
−60
−30
0.1
10
100
1k
1
V =3.3V
V
=1V
S
O
PP
R =150
||13pF
L
W
Ch.1< >Ch.2
-
Ch.1< >Ch.3
-
Ch.2< >Ch.3
-
−50
−40
f − Frequency − MHz
−60
−50
−40
−30
−20
−10
0
10
0.1
10
100
1k
1
V =5V
V
=200mV
S
O
PP
R =150
||13pF
L
W
R =75
||13pF
L
W
−360
−315
−270
−225
−180
−135
−90
−45
0
45
f − Frequency − MHz
0.1
10
100
1
V =5V
V
-200mV
R =150
||13pF
S
O
PP
L
W
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
f − Frequency − MHz
1
100
10
R =150
||13pF
L
W
R =75
||13pF
L
W
V =5V
V
=200mV
S
O
PP
THS7316
SLOS521A – MARCH 2007 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
2nd HARMONIC DISTORTION vs
3rd HARMONIC DISTORTION vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 10.
Figure 11.
CROSSTALK vs FREQUENCY
SMALL-SIGNAL GAIN vs FREQUENCY
Figure 12.
Figure 13.
PHASE vs FREQUENCY
SMALL-SIGNAL GAIN vs FREQUENCY
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s) :THS7316


Similar Part No. - THS7316DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316DG4 TI-THS7316DG4 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DG4 TI1-THS7316DG4 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com