Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7364 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS7364
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7364 Datasheet(HTML) 2 Page - Texas Instruments

  THS7364_14 Datasheet HTML 1Page - Texas Instruments THS7364_14 Datasheet HTML 2Page - Texas Instruments THS7364_14 Datasheet HTML 3Page - Texas Instruments THS7364_14 Datasheet HTML 4Page - Texas Instruments THS7364_14 Datasheet HTML 5Page - Texas Instruments THS7364_14 Datasheet HTML 6Page - Texas Instruments THS7364_14 Datasheet HTML 7Page - Texas Instruments THS7364_14 Datasheet HTML 8Page - Texas Instruments THS7364_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
THS7364
SBOS530 – AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)(2)
PRODUCT
PACKAGE-LEAD
TRANSPORT MEDIA, QUANTITY
ECO STATUS(2)
THS7364IPW
Rails, 70
TSSOP-20
Pb-Free, Green
THS7364IPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at ti.com.
(2)
These packages conform to Lead (Pb)-free and green manufacturing specifications. Additional details including specific material content
can be accessed at www.ti.com/leadfree.
GREEN: TI defines Green to mean Lead (Pb)-Free and in addition, uses less package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1% of total product weight. N/A: Not yet available Lead (Pb)-Free; for estimated conversion
dates, go to www.ti.com/leadfree. Pb-FREE: TI defines Lead (Pb)-Free to mean RoHS compatible, including a lead concentration that
does not exceed 0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering
processes.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
THS7364
UNIT
MIN
MAX
Supply voltage, VS+ to GND
5.5
V
Input voltage, VI
–0.4
VS+
V
Output current, IO
±90
mA
Maximum junction temperature, any condition(2), TJ
+150
°C
Maximum junction temperature, continuous operation, long-term reliability(3), TJ
+125
°C
Storage temperature range, TSTG
–60
+150
°C
Human body model (HBM)
4000
V
ESD rating:
Charge device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(3)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and/or lifetime of the device.
THERMAL INFORMATION
THS7364
THERMAL METRIC(1)
PW
UNITS
20 PINS
qJA
Junction-to-ambient thermal resistance
108.0
qJC(top)
Junction-to-case(top) thermal resistance
41.6
qJB
Junction-to-board thermal resistance
61.3
°C/W
yJT
Junction-to-top characterization parameter
2.9
yJB
Junction-to-board characterization parameter
58.4
qJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): THS7364


Similar Part No. - THS7364_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
More results

Similar Description - THS7364_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7372 TI1-THS7372 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
THS7376 TI-THS7376 Datasheet
3Mb / 61P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com