Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4631DGNRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631DGNRG4
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631DGNRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4631DGNRG4 Datasheet HTML 6Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 7Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 8Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 9Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 10Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 11Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 12Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 13Page - Texas Instruments THS4631DGNRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
C
F +
1
p
R
F G B P
)
1
p
R
F G B P
2
)
4C
S
p
R
F G B P
2
F
*3dB +
G B P
2 p R
F CS ) CF
Gain
AOL
20 dB/Decade
Rate-of-Closure
GBP
20 dB/
Decade
Noise Gain
−20 dB/
Decade
f
Pole
Zero
0
_
+
CI(DIFF)
RF
CF
CP
CD
I(DIODE)
CI(CM)
CS = CI(CM) + CI(DIFF) + CP + CD
THS4631
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
www.ti.com
(1)
Once the optimal feedback capacitor has been
selected, the transimpedance bandwidth can be
calculated with Equation 2.
(2)
Figure 34. Transimpedance Circuit Bode Plot
The
performance
of
the
THS4631
has
been
measured for a variety of transimpedance gains with
a variety of source capacitances. The achievable
bandwidths of the various circuit configurations are
summarized numerically in Table 1. The frequency
responses are presented in Figure 35, Figure 36, and
Figure 37.
A.
The total source capacitance is the sum of
Note
that
the
feedback
capacitances
do
not
several distinct capacitances.
correspond exactly with the values predicted by the
Figure 33. Transimpedance Analysis Circuit
equation. They have been tuned to account for the
parasitic
capacitance
of
the
feedback
resistor
(typically 0.2 pF for 0805 surface mount devices) as
Where:
well as the additional capacitance associated with the
CI(CM) is the common-mode input capacitance.
PC board. The equation should be used as a starting
CI(DIFF) is the differential input capacitance.
point for the design, with final values for CF optimized
in the laboratory.
CD is the diode capacitance.
CP is the parasitic capacitance at the inverting
node.
Table 1. Transimpedance Performance Summary
The feedback capacitor provides a pole in the noise
for Various Configurations
gain of the circuit, counteracting the zero in the noise
gain caused by the source capacitance. The pole is
SOURCE
TRANS-
FEEDBACK
-3 dB
CAPACITANCE
IMPEDANCE
CAPACITANCE
FREQUENCY
set such that the noise gain achieves a 20-dB per
(PF)
GAIN (
Ω)
(PF)
(MHZ)
decade
rate-of-closure
with
the
open-loop
gain
18
10 k
2
15.8
response of the amplifier, resulting in a stable circuit.
18
100 k
0.5
3
As indicated, the formula given provides the feedback
18
1 M
0
1.2
capacitance for maximized flat bandwidth. Reduction
in the value of the feedback capacitor can increase
47
10 k
2.2
8.4
the signal bandwidth, but this occurs at the expense
47
100 k
0.7
2.1
of peaking in the ac response.
47
1 M
0.2
0.52
100
10 k
3
5.5
100
100 k
1
1.4
100
1 M
0.2
0.37
10
Copyright
© 2004–2011, Texas Instruments Incorporated


Similar Part No. - THS4631DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4631DGNRG4 TI-THS4631DGNRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631DGNRG4 NSC-THS4631DGNRG4 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4631DGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com