Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-17SLD-F3M1 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # FU-17SLD-F3M1
Description  FC-CONNECTORIZED MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

FU-17SLD-F3M1 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  FU-17SLD-F3M1 Datasheet HTML 1Page - Roithner LaserTechnik GmbH FU-17SLD-F3M1 Datasheet HTML 2Page - Roithner LaserTechnik GmbH FU-17SLD-F3M1 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-17SLD-F3M1
FC-CONNECTORIZED MODULE
DESCRIPTION
FU-17SLD-F3M1
is
FC-conne ctorized
devices
designed to be used with singlemode optical fiber.
Th is mod ule is the optimum light source for med iu m
haul digital optical communication systems.
FEATURES
FC connectorized package
Low optical output
Low threshold current
Built-in photodiode for output monitoring
Wide operating temperature range (-40
°C to
+85
°C)
MQW* active layer
FSBH** structure fabricated by all MOCVD
process
*Multiple quantum well
**Facet selective-growth buried heterostructure
APPLICATION
FitL,LAN
ABSOLUTE MAXIMUM RATINGS
(Tc=25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Laser diode
Optical
output
power
from
fib er
end (Note1)
Pf
CW
0.5
mW
Reverse voltage
Vrl
-
2
V
Photodiode
for monitoring
Reverse voltage
Vrd
-
15
V
Forward current
Ifd
-
2
mA
Operating case temperature
Tc
-
-40~+85
°C
Storage temperature
Tstg
-
-40~+85
°C
Note 1. Singlemode fiber master plug with mode field diameter 9.5
mm


Similar Part No. - FU-17SLD-F3M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-17SLD-F3M1 MITSUBISHI-FU-17SLD-F3M1 Datasheet
50Kb / 3P
   FC-CONNECTORIZED MODULE
More results

Similar Description - FU-17SLD-F3M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-17SLD-F1 MITSUBISHI-FU-17SLD-F1 Datasheet
50Kb / 3P
   FC-CONNECTORIZED MODULE
FU-17SLD-F3M1 MITSUBISHI-FU-17SLD-F3M1 Datasheet
50Kb / 3P
   FC-CONNECTORIZED MODULE
FU-116SLD-F1 MITSUBISHI-FU-116SLD-F1 Datasheet
60Kb / 3P
   SC-CONNECTORIZED MODULE
FU-116SLD-F3M1 MITSUBISHI-FU-116SLD-F3M1 Datasheet
62Kb / 3P
   SC-CONNECTORIZED MODULE
logo
Hittite Microwave Corpo...
C-20 HITTITE-C-20 Datasheet
100Kb / 1P
   CONNECTORIZED HERMETIC MODULE
logo
Littelfuse
LFMX LITTELFUSE-LFMX Datasheet
126Kb / 1P
   Connectorized Power Distribution Module
logo
Micronetics, Inc.
8126 MICRONETICS-8126 Datasheet
39Kb / 1P
   CONNECTORIZED ATTENUATOR
logo
Agilent(Hewlett-Packard...
LST0X00 HP-LST0X00 Datasheet
179Kb / 4P
   Connectorized ELEDS
PDT0X1X HP-PDT0X1X Datasheet
154Kb / 5P
   Connectorized PIN Photodiodes
logo
Micronetics, Inc.
4031 MICRONETICS-4031 Datasheet
71Kb / 3P
   CONNECTORIZED PHASE SHIFTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com