Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM470R1B1MPGES Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM470R1B1MPGES
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1MPGES Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM470R1B1MPGES Datasheet HTML 7Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 8Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 9Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 10Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 11Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 12Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 13Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 14Page - Texas Instruments SM470R1B1MPGES Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
DESCRIPTION
The SM470R1B1M (1) devices are members of the Texas Instruments SM470R1x family of general-purpose
16/32-bit reduced instruction set computer (RISC) microcontrollers. The B1M microcontroller offers high
performance utilizing the high-speed ARM7TDMI 16/32-bit RISC central processing unit (CPU), resulting in a
high instruction throughput while maintaining greater code efficiency. The ARM7TDMI 16/32-bit RISC CPU views
memory as a linear collection of bytes numbered upwards from zero. The SM470R1B1M utilizes the big-endian
format where the most significant byte of a word is stored at the lowest numbered byte and the least significant
byte at the highest numbered byte.
High-end embedded control applications demand more performance from their controllers while maintaining low
costs. The B1M RISC core architecture offers solutions to these performance and cost demands while
maintaining low power consumption.
The B1M devices contain the following:
ARM7TDMI 16/32-Bit RISC CPU
SM470R1x system module (SYS) with 470+ enhancements
1M-byte flash
64K-byte SRAM
Zero-pin phase-locked loop (ZPLL) clock module
Digital watchdog (DWD) timer
Analog watchdog (AWD) timer
Enhanced real-time interrupt ( RTI) module
Interrupt expansion module (IEM)
Memory security module (MSM)
JTAG security module
Two serial peripheral interface (SPI) modules
Three serial communications interface (SCI) modules
Two high-end CAN controllers (HECC)
Five inter-integrated circuit (I2C) modules
10-bit multi-buffered analog-to-digital converter (MibADC), with 12 input channels
High-end timer lite (HET) controlling 12 I/Os
External clock prescale (ECP)
Expansion bus module (EBM)
Up to 93 I/O pins
The functions performed by the 470+ system module (SYS) include:
Address decoding
Memory protection
Memory and peripherals bus supervision
Reset and abort exception management
Prioritization for all internal interrupt sources
Device clock control
Parallel signature analysis (PSA)
The enhanced real-time interrupt (RTI) module on the B1M has the option to be driven by the oscillator clock.
The digital watchdog (DWD) is a 25-bit resettable decrementing counter that provides a system reset when the
watchdog counter expires. This data sheet includes device-specific information such as memory and peripheral
select assignment, interrupt priority, and a device memory map. For a more detailed functional description of the
SYS module, see the TMS470R1x System Module Reference Guide (literature number SPNU189).
The B1M memory includes general-purpose SRAM supporting single-cycle read/write accesses in byte, half-
word, and word modes.
(1)
Throughout the remainder of this document, the SM470R1B1M will be referred to as either the full device name or as B1M.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - SM470R1B1MPGES

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM470R1B1MPGES TI1-SM470R1B1MPGES Datasheet
803Kb / 79P
[Old version datasheet]   16-/32-Bit RISC Flash Microcontroller
More results

Similar Description - SM470R1B1MPGES

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com