Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9383MTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF9383MTRPBF
Description  Isolation Switch for Input Power or Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9383MTRPBF Datasheet(HTML) 9 Page - International Rectifier

  IRF9383MTRPBF Datasheet HTML 1Page - International Rectifier IRF9383MTRPBF Datasheet HTML 2Page - International Rectifier IRF9383MTRPBF Datasheet HTML 3Page - International Rectifier IRF9383MTRPBF Datasheet HTML 4Page - International Rectifier IRF9383MTRPBF Datasheet HTML 5Page - International Rectifier IRF9383MTRPBF Datasheet HTML 6Page - International Rectifier IRF9383MTRPBF Datasheet HTML 7Page - International Rectifier IRF9383MTRPBF Datasheet HTML 8Page - International Rectifier IRF9383MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 28, 2014
9
IRF9383MPbF
DirectFET® Tape & Reel Dimension (Showing component orientation).
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
METRIC
DIMENSIONS
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF9383MTRPBF). For 1000 parts on 7"
reel, order IRF9383MTR1PBF
CODE
MIN
MAX
MIN
MAX
A
330
N.C
12.992
N.C
B
20.2
N.C
0.795
N.C
C
12.8
13.2
0.504
0.520
D
1.5
N.C
0.059
N.C
E
100.0
N.C
3.937
N.C
F
N.C
18.4
N.C
0.724
G
12.4
14.4
0.488
0.567
H
11.9
15.4
0.469
0.606
METRIC
IMPERIAL
STANDARD OPTION (QTY 4800)
REEL DIMENSIONS
Date
Comments
2/17/2014 •
Updated ordering information to reflect the End-Of-life (EOL) of the mini-reel option (EOL notice #264).
• Updated data sheet with new IR corporate template.
2/25/2014
• Change MSL3 to MSL1, on page 9.
Revision History
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Qualification Information
Qualification level
Consumer ††
(per JEDEC JESD47F††† guidelines)
Yes
Moisture Sensitivity Level
DirectFET


Similar Part No. - IRF9383MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9383MPBF IRF-IRF9383MPBF Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
More results

Similar Description - IRF9383MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com