Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG117ATDESC Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG117ATDESC
Description  1.5A Three Terminal Adj. Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG117ATDESC Datasheet(HTML) 5 Page - Microsemi Corporation

  SG117ATDESC Datasheet HTML 1Page - Microsemi Corporation SG117ATDESC Datasheet HTML 2Page - Microsemi Corporation SG117ATDESC Datasheet HTML 3Page - Microsemi Corporation SG117ATDESC Datasheet HTML 4Page - Microsemi Corporation SG117ATDESC Datasheet HTML 5Page - Microsemi Corporation SG117ATDESC Datasheet HTML 6Page - Microsemi Corporation SG117ATDESC Datasheet HTML 7Page - Microsemi Corporation SG117ATDESC Datasheet HTML 8Page - Microsemi Corporation SG117ATDESC Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
CHARACT ER ISTIC CURVERS
Figure 1 – Output Voltage Deviation vs.
Temperature
Figure 2 – Output Current vs. Input / Output
Differential
Figure 3 – Adjustable Current vs. Temperature
Figure 4 – Input / Output Differential vs.
Temperature
Figure 5 – Reference Voltage vs. Temperature Figure 6 – Quiescent Current vs. Input / Output
Differential
Figure 7 – Ripple Rejection vs. Output Voltage
Figure 8 – Ripple Rejection vs. Frequency
Figure 9 – Ripple Rejection vs. Output Current


Similar Part No. - SG117ATDESC

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG117AT MICRO-ELECTRONICS-SG117AT Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG117AT MICROSEMI-SG117AT Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
More results

Similar Description - SG117ATDESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
7703401YA MICROSEMI-7703401YA Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117AHV MICROSEMI-SG117AHV Datasheet
455Kb / 13P
   1.5A Three Terminal Adj. Voltage Regulator
SG117 MICROSEMI-SG117_06 Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
7703401ZA MICROSEMI-7703401ZA Datasheet
365Kb / 9P
   TM 1.5A Three Terminal Adj. Voltage Regulator
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
   THREE-TERMINAL VOLTAGE REGULATOR
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
   Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
   Three-Terminal Voltage Regulator
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
   Three-terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
   Three-terminal voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com