Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP690SEN-L Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP690SEN-L
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690SEN-L Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP690SEN-L Datasheet HTML 3Page - Sipex Corporation SP690SEN-L Datasheet HTML 4Page - Sipex Corporation SP690SEN-L Datasheet HTML 5Page - Sipex Corporation SP690SEN-L Datasheet HTML 6Page - Sipex Corporation SP690SEN-L Datasheet HTML 7Page - Sipex Corporation SP690SEN-L Datasheet HTML 8Page - Sipex Corporation SP690SEN-L Datasheet HTML 9Page - Sipex Corporation SP690SEN-L Datasheet HTML 10Page - Sipex Corporation SP690SEN-L Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© 2006 Sipex Corporation
TYPICAL CHARACTERISTICS (T
AMB = 25
oC, unless otherwise noted)
Figure 1. V
CC Supply Current vs. Temperature (Normal
Mode)
Figure 3. PFI Threshold vs. Temperature
Figure 2. Battery Supply Current vs. Temperature
Figure 4. V
BATTERY to VOUT ON-Resistance vs. Temperature
Figure 5. V
CC to VOUT On-Resistance vs. Temperature
Figure 6. Reset Threshold vs. Temperature
40
35
30
25
20
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (oC)
10000
1000
100
10
1
0.1
-60
-35
-10
15
40
65
90
115
140
Temperature (oC)
1.262
1.26
1.258
1.256
1.254
1.252
1.25
1.248
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (
o
C)
30
25
20
15
10
5
0
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (
o
C)
3.5
3
2.5
2
1.5
1
0.5
0
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (
o
C)
3.15
3.13
3.11
3.09
3.07
3.05
-60
-35
-10
15
40
65
90
115
140
Temperature (oC)


Similar Part No. - SP690SEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690SEN SIPEX-SP690SEN Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690SEN SIPEX-SP690SEN Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690SEN SIPEX-SP690SEN Datasheet
216Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP690SEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T_06 Datasheet
216Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com